Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 300 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 300 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 296Page - STMicroelectronics ST10F296 Datasheet HTML 297Page - STMicroelectronics ST10F296 Datasheet HTML 298Page - STMicroelectronics ST10F296 Datasheet HTML 299Page - STMicroelectronics ST10F296 Datasheet HTML 300Page - STMicroelectronics ST10F296 Datasheet HTML 301Page - STMicroelectronics ST10F296 Datasheet HTML 302Page - STMicroelectronics ST10F296 Datasheet HTML 303Page - STMicroelectronics ST10F296 Datasheet HTML 304Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST10F296E
300/346
24.6
Flash characteristics
VDD = 5 V ± 10%, VSS = 0 V
Table 164.
Flash characteristics
Parameter
Typical
TA = 25 °C
Maximum
TA = 125 °C
Unit
Notes
0 cycles(1)
0 cycles(1)
100 k cycles(2)
Word program (32-bit)(3)
35
80
290
µs
-
Double word program (64-bit)(3)
60
150
570
µs
-
Maximum word program (32-bit)
-
560
1385
µs
Maximum double word program
(64-bit)
-
1160
2760
µs
-
Bank 0 program (384 Kbyte)
(double word program)
2.9
7.4
28.0
s
-
Bank 1 program (128 Kbyte)
(double word program)
1.0
2.5
9.3
s
-
Bank 2 program (192 Kbyte)
(double word program)
1.5
3.7
14.0
s
-
Bank 3 program (128 Kbyte)
(double word program)
1.0
2.5
9.3
s
-
Sector erase (8 Kbyte)
0.6
0.5
0.9
0.8
1.0
0.9
s
Not preprogrammed
Preprogrammed
Sector erase (32 Kbyte)
1.1
0.8
2.0
1.8
2.7
2.5
s
Not preprogrammed
Preprogrammed
Sector erase (64K)
1.7
1.3
3.7
3.3
5.1
4.7
s
Not preprogrammed
Preprogrammed
Bank 0 erase (384 Kbyte)(4)
8.2
5.8
20.2
17.7
28.6
26.1
s
Not preprogrammed
Preprogrammed
Bank 1 erase (128 Kbyte)(4)
3.0
2.2
7.0
6.2
9.8
9.0
s
Not preprogrammed
Preprogrammed
Bank 2 erase (192 Kbyte)(4)
4.3
3.1
10.3
9.1
14.5
13.3
s
Not preprogrammed
Preprogrammed
Bank 3 erase (128 Kbyte)(4)
3.0
2.2
7.0
6.2
9.8
9.0
s
Not preprogrammed
Preprogrammed
Imodule erase (512 Kbyte)(5)
11.2
7.6
27.2
23.5
38.4
34.7
s
Not preprogrammed
Preprogrammed
Xmodule erase (320 Kbyte)(5)
7.3
4.9
17.3
14.8
24.3
21.8
s
Not preprogrammed
Preprogrammed
Chip erase (832 Kbyte)(6)
18.5
12.0
44.4
37.9
62.6
56.1
s
Not preprogrammed
Preprogrammed
Recovery from power-down (tPD)
–
40
40
µs
(7)
Program suspend latency(7)
-10
10
µs
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com