Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 297 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 297 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 293Page - STMicroelectronics ST10F296 Datasheet HTML 294Page - STMicroelectronics ST10F296 Datasheet HTML 295Page - STMicroelectronics ST10F296 Datasheet HTML 296Page - STMicroelectronics ST10F296 Datasheet HTML 297Page - STMicroelectronics ST10F296 Datasheet HTML 298Page - STMicroelectronics ST10F296 Datasheet HTML 299Page - STMicroelectronics ST10F296 Datasheet HTML 300Page - STMicroelectronics ST10F296 Datasheet HTML 301Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Electrical characteristics
297/346
IP0H
(7)
Port 0 configuration current(6)
VIN = 2.0 V
-
-10
µA
IP0L
(8)
VIN = 0.8V
-100
-
CIO (CC)
Pin capacitance
(digital inputs/outputs)
(1)(6)
-10
pF
ICC1
Run mode power supply current
(execution from internal RAM)(9)
-
-
20 + 2 fCPU
mA
ICC2
Run mode power supply current
(execution from internal
Flash)(1)(9)
-
-
20 + 1.8 fCPU
mA
IID
Idle mode supply current(10)
-
-
20 + 0.6 fCPU mA
IPD1
Power-down supply current
(RTC off, oscillators off, main
voltage regulator off)(11)
TA = 25 °C
-
1
mA
TA = 125 °C
3
IPD2
Power-down supply current(11)
(RTC on, main oscillator on,
main voltage regulator off)
TA = 25 °C
-
8
mA
TA = 125 °C
-
10
ISB1
Standby supply current (RTC off,
main oscillator off, VDD off, VSTBY
on)(11)
VSTBY = 5.5 V
TA = TJ = 25 °C
-250
µA
VSTBY = 5.5 V
TA = TJ = 125 °C
-500
VSTBY = 5.5 V
TJ = 150°C
(4)
-700
ISB3
Standby supply current (VDD
transient condition)(1)(11)
--
2.5
mA
1.
Not 100% tested, guaranteed by design characterization.
2.
This specification is not valid for outputs which are switched to open-drain mode. In this case the
respective output floats and the voltage is imposed by the external circuitry.
3.
Port 5 and XPort 10 leakage values are granted for unselected ADC channels. One channel is always
selected (by default, after reset, P5.0 is selected). For the selected channel the leakage value is similar to
that of other port pins.
4.
The leakage of P2.0 is higher than other pins due to the additional logic (pass gates active only in specific
test modes) implemented on its input path. Do not stress P2.0 input pin with negative overload beyond the
specified limits as failures in Flash reading may occur (sense amplifier perturbation). Refer to Figure 96 for
a scheme of the input circuitry.
5.
Overload conditions occur if the standard operating conditions are exceeded, that is, the voltage on any pin
exceeds the specified range (VOV > VDD + 0.3 V or VOV < -0.3 V). The absolute sum of input overload
currents on all port pins must not exceed 50 mA. The supply voltage must remain within the specified limits.
6.
This specification is only valid during reset, or during hold or adapt mode. Port 6 pins are only affected if
they are used for CS output and the open drain function is not enabled.
7.
The maximum current may be drawn while the respective signal line remains inactive.
8.
The minimum current must be drawn to drive the respective signal line active.
Table 163.
DC characteristics (continued)
Symbol
Parameter
Test condition
Limit values
Unit
Min
Max
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com