Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3906 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3906
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3906 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LP3906 Datasheet HTML 16Page - National Semiconductor (TI) LP3906 Datasheet HTML 17Page - National Semiconductor (TI) LP3906 Datasheet HTML 18Page - National Semiconductor (TI) LP3906 Datasheet HTML 19Page - National Semiconductor (TI) LP3906 Datasheet HTML 20Page - National Semiconductor (TI) LP3906 Datasheet HTML 21Page - National Semiconductor (TI) LP3906 Datasheet HTML 22Page - National Semiconductor (TI) LP3906 Datasheet HTML 23Page - National Semiconductor (TI) LP3906 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
LP3906 Default Power-Off Sequence
20197811
Symbol
Description
Min
Typ
Max
Units
t
1
Programmable Delay from EN_T deassertion to V
CC_Buck1 Off
1.5
ms
t
2
Programmable Delay from EN_T deassertion to V
CC_Buck2 Off
2
ms
t
3
Programmable Delay from EN_T deassertion to V
CC_LDO1 Off
3
ms
t
4
Programmable Delay from EN_T deassertion to V
CC_LDO2 Off
6
ms
Note: LP3906 The default Power on delays can be reprogrammed at final test to 0, .5, 1, 2, 5, or 10 ms. Default setting is the same as the on sequence.
Power-On-Reset
The LP3906 is equipped with an internal Power-On-Reset
(“POR”) circuit that will reset the logic when VDD < V
POR.
This guarantees that the logic is properly initialized when
VDD rises above the minimum operating voltage of the Logic
and the internal oscillator that clocks the Sequential Logic in
the Control section.
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com