Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3906 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3906
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3906 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LP3906 Datasheet HTML 19Page - National Semiconductor (TI) LP3906 Datasheet HTML 20Page - National Semiconductor (TI) LP3906 Datasheet HTML 21Page - National Semiconductor (TI) LP3906 Datasheet HTML 22Page - National Semiconductor (TI) LP3906 Datasheet HTML 23Page - National Semiconductor (TI) LP3906 Datasheet HTML 24Page - National Semiconductor (TI) LP3906 Datasheet HTML 25Page - National Semiconductor (TI) LP3906 Datasheet HTML 26Page - National Semiconductor (TI) LP3906 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
LP3906 Control Registers
Register
Address
Register
Name
Read/Write
Register Description
0x02
ICRA
R
Interrupt Status Register A
0x07
SCR1
R/W
System Control 1 Register
0x10
BKLDOEN
R/W
Buck and LDO Output Voltage Enable Register
0x11
BKLDOSR
R
Buck and LDO Output Voltage Status Register
0x20
VCCR
R/W
Voltage Change Control Register 1
0x23
B1TV1
R/W
Buck 1 Target Voltage 1 Register
0x24
B1TV2
R/W
Buck 1 Target Voltage 2 Register
0x25
B1RC
R/W
Buck 1 Ramp Control
0x29
B2TV1
R/W
Buck 2 Target Voltage 1 Register
0x2A
B2TV2
R/W
Buck 2 Target Voltage 2 Register
0x2B
B2RC
R/W
Buck 2 Ramp Control
0x38
BFCR
R/W
Buck Function Register
0x39
LDO1VCR
R/W
LDO1 Voltage control Registers
0x3A
LDO2VCR
R/W
LDO2 Voltage control Registers
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com