Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3906 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3906
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3906 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP3906 Datasheet HTML 3Page - National Semiconductor (TI) LP3906 Datasheet HTML 4Page - National Semiconductor (TI) LP3906 Datasheet HTML 5Page - National Semiconductor (TI) LP3906 Datasheet HTML 6Page - National Semiconductor (TI) LP3906 Datasheet HTML 7Page - National Semiconductor (TI) LP3906 Datasheet HTML 8Page - National Semiconductor (TI) LP3906 Datasheet HTML 9Page - National Semiconductor (TI) LP3906 Datasheet HTML 10Page - National Semiconductor (TI) LP3906 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Electrical Characteristics (Continued)
Low Drop Out Regulators, LDO1 and LDO2
Unless otherwise noted, V
IN = 3.6, CIN = 1.0 µF, COUT = 0.47 µF. Typical values and limits appearing in normal type apply for
T
J = 25˚C. Limits appearing in boldface type apply over the entire junction temperature range for operation, −40˚C to +125˚C.
(Notes 2, 7, 8, 9, 10, 11, 12)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IN
Operational Voltage Range
VINLDO1 and VINLDO2 PMOS
pins(Note 15)
1.74
5.5
V
V
OUT
Accuracy
Output Voltage Accuracy (Default V
OUT)
Load current=1mA
−3
3
%
∆V
OUT
Line Regulation
V
IN =(VOUT + 0.3V) to 5.0V,
(Note 12), Load Current=1mA
0.15
%/V
Load Regulation
V
IN = 3.6V,
Load Current=1mAtoI
MAX
0.011
%/mA
I
SC
Short Circuit Current Limit
LDO1-2, V
OUT = 0V
500
mA
V
IN –VOUT
Dropout Voltage
Load Current = 50 mA
(Note 10)
25
200
mV
PSRR
Power Supply Ripple Rejection
F = 10 kHz, Load Current =
I
MAX
45
dB
θn
Supply Output Noise
10 Hz < F < 100 KHz
80
µVrms
I
Q (Notes 11,
14)
Quiescent Current “On”
I
OUT =0mA
40
µA
Quiescent Current “On”
I
OUT =IMAX
60
µA
Quiescent Current “Off”
EN is de-asserted(Note 16)
0.03
µA
T
ON
Turn On Time
Start up from shut-down
300
µs
C
OUT
Output Capacitor
Capacitance for stability
0˚C
≤ T
J
≤ 125˚C
0.33
0.47
µF
−40˚C
≤ T
J
≤ 125˚C
0.68
1.0
µF
ESR
5
500
m
Buck Converters SW1, SW2
Unless otherwise noted, V
IN = 3.6, CIN = 10 µF, COUT = 10 µF, LOUT = 2.2 µH ceramic. Typical values and limits appearing in
normal type apply for T
J = 25˚C. Limits appearing in boldface type apply over the entire junction temperature range for opera-
tion, −40˚C to +125˚C. (Notes 2, 7, 8, 9, 14)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OUT
Output Voltage Accuracy
Default V
OUT
−3
+3
%
Line Regulation
2.7< V
IN < 5.5
I
O =10 mA
0.089
%/V
Load Regulation
100 mA < I
O < IMAX
0.0013
%/mA
Eff
Efficiency
Load Current = 250 mA
96
%
I
SHDN
Shutdown Supply Current
EN is de-asserted
0.01
µA
f
OSC
Sync Mode Clock Frequency
Synchronized from 13 MHz
system clock
2.0
MHz
Internal Oscillator Frequency
2.0
MHz
I
PEAK
Peak Switching Current Limit
2.0
A
I
Q (Note 14)
Quiescent Current “On”
No load PFM Mode
33
µA
R
DSON (P)
Pin-Pin Resistance PFET
200
m
R
DSON (N)
Pin-Pin Resistance NFET
180
m
T
ON
Turn On Time
Start up from shut-down
500
µs
C
IN
Input Capacitor
Capacitance for stability
10
µF
C
O
Output Capacitor
Capacitance for stability
10
µF
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com