Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3906 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3906
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3906 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button LP3906 Datasheet HTML 30Page - National Semiconductor (TI) LP3906 Datasheet HTML 31Page - National Semiconductor (TI) LP3906 Datasheet HTML 32Page - National Semiconductor (TI) LP3906 Datasheet HTML 33Page - National Semiconductor (TI) LP3906 Datasheet HTML 34Page - National Semiconductor (TI) LP3906 Datasheet HTML 35Page - National Semiconductor (TI) LP3906 Datasheet HTML 36Page - National Semiconductor (TI) LP3906 Datasheet HTML 37Page - National Semiconductor (TI) LP3906 Datasheet HTML 38Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
Application Notes (Continued)
MODE BOUNCE
PFM-PWM transition at low load current.
To improve efficiency at lower load currents LP3906 buck
converters employ an automatically invoked PFM mode for
the low load operation. The PFM mode operates with a much
lower value quiescent current (I
Q) than the PWM mode of
operation that is used in the higher load currents.
As shown in the datasheet section about SW operation,
there is a DC voltage difference between the two modes of
operation, with Vout PFM being typically 1.2% higher than
Vout PWM. So there is a DC voltage level transition and
some associated dynamic perturbation at the mode transi-
tion point.
The transition between the two modes of operation has an
associated hysterisis in the transition current value, That is,
the transition point for increasing current (PFM to PWM) is at
a higher value that the decreasing current (PWM to PFM).
This hysterisis is to ensure that in the event that the load
current values equals the PFM PWM transition value, the
device will not make multiple transitions between modes;
this reduces the noise at this load by eliminating multiple
transitions between modes (also known as mode bounce).
Under some conditions of high Vin and Low Vout the hyster-
sis value is reduced and some amount of mode bounce can
occur. Under these conditions, the regulator still maintains
DC regulation, however the output ripple is more pro-
nounced. Refer to the attached Vout vs Vin chart below that
shows the operational area that may exhibit this increased
output ripple. If the application is expected to be operated in
the area of concern AND have a static load current of the
transition current value, the user can avoid the possible
noise increase by invoking the components’ “Force PWM
mode”.
LP3906 Buck Converter
V
OUT vs VIN Operating Range
during PFM-PWM-PPM Transition
20197865
www.national.com
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com