Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3906 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3906
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3906 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button LP3906 Datasheet HTML 26Page - National Semiconductor (TI) LP3906 Datasheet HTML 27Page - National Semiconductor (TI) LP3906 Datasheet HTML 28Page - National Semiconductor (TI) LP3906 Datasheet HTML 29Page - National Semiconductor (TI) LP3906 Datasheet HTML 30Page - National Semiconductor (TI) LP3906 Datasheet HTML 31Page - National Semiconductor (TI) LP3906 Datasheet HTML 32Page - National Semiconductor (TI) LP3906 Datasheet HTML 33Page - National Semiconductor (TI) LP3906 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
LP3906 Control Registers (Continued)
BUCK FUNCTION REGISTER (BFCR) – 0x38
This register allows the Buck switcher clock frequency to be spread across a wider range, allowing for less Electro-magnetic
Interference (EMI). The spread spectrum modulation frequency refers to the rate at which the frequency ramps up and down,
centered at 2 MHz.
20197825
D7-2
D1
D0
Name
—
BK_SLOMOD
BK_SSEN
Access
—
R/W
R/W
Data
Reserved
Buck Spread Spectrum Modulation
0 – 10 kHz triangular wave
1 – 2 kHz triangular wave
Spread Spectrum Function Output
0 – Disabled
1 – Enabled
Reset
000010
1
0
www.national.com
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com