Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3906 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3906
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3906 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LP3906 Datasheet HTML 13Page - National Semiconductor (TI) LP3906 Datasheet HTML 14Page - National Semiconductor (TI) LP3906 Datasheet HTML 15Page - National Semiconductor (TI) LP3906 Datasheet HTML 16Page - National Semiconductor (TI) LP3906 Datasheet HTML 17Page - National Semiconductor (TI) LP3906 Datasheet HTML 18Page - National Semiconductor (TI) LP3906 Datasheet HTML 19Page - National Semiconductor (TI) LP3906 Datasheet HTML 20Page - National Semiconductor (TI) LP3906 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
SW1, SW2: Synchronous Step
Down Magnetic DC/DC Converters
(Continued)
repeated until the output reaches the desired level. Once the
output reaches the ‘high’ PFM threshold, the NMOS switch is
turned on briefly to ramp the inductor current to zero and
then both output switches are turned off and the part enters
an extremely low power mode. Quiescent supply current
during this ‘sleep’ mode is less than 30 µA, which allows the
part to achieve high efficiencies under extremely light load
conditions. When the output drops below the ‘low’ PFM
threshold, the cycle repeats to restore the output voltage to
~1.6% above the nominal PWM output voltage.
If the load current should increase during PFM mode (see
figure below) causing the output voltage to fall below the
‘low2’ PFM threshold, the part will automatically transition
into fixed-frequency PWM mode.
SW1, SW2 OPERATION
SW1 and SW2 have selectable output voltages ranging from
0.8V to 3.5V (typ.). Both SW1 and SW2 in the LP3906 are
I2C register controlled and are enabled by default through
the internal state machine of the LP3906 following a
Power-On event that moves the operating mode to the Ac-
tive state. (see Power On Sequence). The SW1 and SW2
output voltages revert to default values when the power on
sequence has been completed. The default output voltage
for each buck converter is factory programmable. (See Ap-
plication Notes).
SW1, SW2 can be enabled/disabled through the corre-
sponding control register.
The Modulation mode PWM/PFM is by default automatic
and depends on the load as described above in the func-
tional description. The modulation mode can be overridden
by setting I
2C bit to a logic 1 in the corresponding buck
control register, forcing the buck to operate in PWM mode
regardless of the load condition.
20197803
SHUTDOWN MODE
During shutdown the PFET switch, reference, control and
bias circuitry of the converters are turned off. The NFET
switch will be on in shutdown to discharge the output. When
the converter is enabled, soft start is activated. It is recom-
mended to disable the converter during the system power up
and under voltage conditions when the supply is less than
2.8V.
SOFT START
The soft-start feature allows the power converter to gradually
reach the initial steady state operating point, thus reducing
start-up stresses and surges. The two LP3906 buck convert-
ers have a soft-start circuit that limits in-rush current during
start-up. During start-up the switch current limit is increased
in steps. Soft start is activated only if EN goes from logic low
to logic high after VIN reaches 2.8V. Soft start is imple-
mented by increasing switch current limit in steps of 213 mA,
425 mA, 850 mA and 1700 mA (typ. Switch current limit). The
start-up time thereby depends on the output capacitor and
load current demanded at start-up.
LOW DROPOUT OPERATION
The LP3906 can operate at 100% duty cycle (noswitching;
PMOS switch completely on) for low drop out support of the
output voltage. In this way the output voltage will be con-
trolled down to the lowest possible input voltage. When the
device operates near 100% duty cycle, output voltage ripple
is approximately 25 mV. The minimum input voltage needed
to support the output voltage is
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com