Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3906 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3906
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3906 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button LP3906 Datasheet HTML 28Page - National Semiconductor (TI) LP3906 Datasheet HTML 29Page - National Semiconductor (TI) LP3906 Datasheet HTML 30Page - National Semiconductor (TI) LP3906 Datasheet HTML 31Page - National Semiconductor (TI) LP3906 Datasheet HTML 32Page - National Semiconductor (TI) LP3906 Datasheet HTML 33Page - National Semiconductor (TI) LP3906 Datasheet HTML 34Page - National Semiconductor (TI) LP3906 Datasheet HTML 35Page - National Semiconductor (TI) LP3906 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Application Notes
SYSTEM CLOCK INPUT (SYNC) PIN
Pin 23 of the chip allows for a system clock input in order to
synchronize the buck converters in PWM mode. This is
useful if the user wishes to force the bucks to work synchro-
nously with the system. Otherwise, the user should tie the
pin to GND and the bucks will operate on an internal 2 MHz
clock.
The signal applied to the SYNC pin must be 13 MHz as per
application processor specifications, but we can be con-
tacted to modify that specification if so desired. Upon input-
ting the 13 MHz clock signal, the bucks will scale it down and
continue to run at 2 MHz based off the 13 MHz clock.
ANALOG POWER SIGNAL ROUTING
All power inputs should be tied to the main VDD source (i.e.
battery), unless the user wishes to power it from another
source. (i.e. external LDO output).
The analog VDD inputs power the internal bias and error
amplifiers, so they should be tied to the main VDD. The
analog VDD inputs must have an input voltage between 2.7
and 5.5 V, as specified on pg. 6 of the datasheet.
The other V
INs(VINLDO1, VINLDO2, VIN1, VIN2) can actually
have inputs lower than 2.7V, as long as it’s higher than the
programmed output (+0.3V, to be safe).
The analog and digital grounds should be tied together
outside of the chip to reduce noise coupling.
COMPONENT SELECTION
Inductors for SW1 and SW2
There are two main considerations when choosing an induc-
tor; the inductor should not saturate and the inductor current
ripple is small enough to achieve the desired output voltage
ripple. Care should be taken when reviewing the different
saturation current ratings that are specified by different
manufacturers. Saturation current ratings are typically speci-
fied at 25oC, so ratings at maximum ambient temperature of
the application should be requested from the manufacturer.
There are two methods to choose the inductor saturation
current rating:
Method 1:
The saturation current is greater than the sum of the maxi-
mum load current and the worst case average to peak
inductor current. This can be written as follows:
I
RIPPLE:
Average to peak inductor current
I
OUTMAX: Maximum load current
V
IN:
Maximum input voltage to the buck
L:
Min inductor value including worse case toler-
ances (30% drop can be considered for method 1)
f:
Minimum switching frequency (1.6 MHz)
V
OUT:
Buck Output voltage
Method 2:
A more conservative and recommended approach is to
choose an inductor that has saturation current rating greater
than the maximum current limit of 2375 mA.
Given a peak-to-peak current ripple (I
PP) the inductor needs
to be at least
Inductor Value Unit Description
Notes
L
SW1,2
2.2
µH
SW1,2 inductor D.C.R. 70 m
External Capacitors
The regulators on the LP3906 require external capacitors for
regulator stability. These are specifically designed for por-
table applications requiring minimum board space and small-
est components. These capacitors must be correctly se-
lected for good performance.
LDO CAPACITOR SELECTION
Input Capacitor
An input capacitor is required for stability. It is recommended
that a 1.0 µF capacitor be connected between the LDO input
pin and ground (this capacitance value may be increased
without limit).
This capacitor must be located a distance of not more than 1
cm from the input pin and returned to a clean analog ground.
Any good quality ceramic, tantalum, or film capacitor may be
used at the input.
Important: Tantalum capacitors can suffer catastrophic fail-
ures due to surge currents when connected to a low imped-
ance source of power (like a battery or a very large capaci-
tor). If a tantalum capacitor is used at the input, it must be
guaranteed by the manufacturer to have a surge current
rating sufficient for the application.
There are no requirements for the ESR (Equivalent Series
Resistance) on the input capacitor, but tolerance and tem-
perature coefficient must be considered when selecting the
capacitor to ensure the capacitance will remain approxi-
mately 1.0 µF over the entire operating temperature range.
Output Capacitor
The LDOs on the LP3906 are designed specifically to work
with very small ceramic output capacitors. A 1.0 µF ceramic
capacitor (temperature types Z5U, Y5V or X7R) with ESR
between 5 m
Ω to 500 mΩ, are suitable in the application
circuit.
It is also possible to use tantalum or film capacitors at the
device output, C
OUT (or VOUT), but these are not as attrac-
tive for reasons of size and cost.
The output capacitor must meet the requirement for the
minimum value of capacitance and also have an ESR value
that is within the range 5 m
Ω to 500 mΩ for stability.
Capacitor Characteristics
The LDOs are designed to work with ceramic capacitors on
the output to take advantage of the benefits they offer. For
capacitance values in the range of 0.47 µF to 4.7 µF, ceramic
capacitors are the smallest, least expensive and have the
lowest ESR values, thus making them best for eliminating
www.national.com
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com