Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3906 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3906
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3906 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button LP3906 Datasheet HTML 30Page - National Semiconductor (TI) LP3906 Datasheet HTML 31Page - National Semiconductor (TI) LP3906 Datasheet HTML 32Page - National Semiconductor (TI) LP3906 Datasheet HTML 33Page - National Semiconductor (TI) LP3906 Datasheet HTML 34Page - National Semiconductor (TI) LP3906 Datasheet HTML 35Page - National Semiconductor (TI) LP3906 Datasheet HTML 36Page - National Semiconductor (TI) LP3906 Datasheet HTML 37Page - National Semiconductor (TI) LP3906 Datasheet HTML 38Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
Application Notes (Continued)
High Vin-High Load Operation
Additional information is provided when the IC is operated at
extremes of Vin and regulator loads. These are described in
terms of the Junction temperature and, Buck output ripple
management.
Junction Temperature
The maximum junction temperature TJ-MAX-OP of 125oCof
the IC package.
The following equations demonstrate junction temperature
determination, ambient temperature TA-MAX and Total chip
power must be controlled to keep TJ below this maximum:
TJ-MAX-OP = TA-MAX + (
θJA) [ ˚C/ Watt] * (PD-MAX)
[Watts]
Total IC power dissipation PD-MAX is the sum of the indi-
vidual power dissipation of the four regulators plus a minor
amount for chip overhead. Chip overhead is Bias, TSD &
LDO analog.
PD-MAX =P
LDO1 +PLD02 +PBUCK1 +PBUCK2 + (0.0001A *
Vin) [Watts].
Power dissipation of LDO1
P
LDO1 =(VinLDO1- VoutLDO1) * IoutLDO1 [V*A]
Power dissipation of LDO2
P
LDO2 =(VinLDO2 - VoutLDO2) * IoutLDO2 [V*A]
Power dissipation of Buck1
P
Buck1 =PIN –POUT =
Vout
Buck1* IoutBuck1 *(1-
η
1)/
η
1 [V*A]
η
1 = efficiency of buck 1
Power dissipation of Buck2
P
Buck2 =PIN –POUT =
Vout
Buck2 * IoutBuck2 *(1-
η
2)/
η
2 [V*A]
η
2 = efficiency of buck 2
η is the efficiency for the specific condition taken from effi-
ciency graphs.
Buck Output Ripple Management
If Vin and ILoad increase, the output ripple associated with
the Buck Regulators also increases. The figure below shows
the safe operating area. To ensure operation in the area of
concern it is recommended that the system designer circum-
vents the output ripple issues to install schottky diodes on
the Bucks(s) that are expected to perform under these ex-
treme corner conditions.
(Schottky diodes are recommended to reduce the output
ripple if the system requirements include this shaded area of
operation. Vin > 5.2 V and Iload > 1.24 A)
LP3906 Buck Converter
V
IN vs ILOAD Operating Ranges
20197864
www.national.com
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com