Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3906 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3906
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3906 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3906 Datasheet HTML 1Page - National Semiconductor (TI) LP3906 Datasheet HTML 2Page - National Semiconductor (TI) LP3906 Datasheet HTML 3Page - National Semiconductor (TI) LP3906 Datasheet HTML 4Page - National Semiconductor (TI) LP3906 Datasheet HTML 5Page - National Semiconductor (TI) LP3906 Datasheet HTML 6Page - National Semiconductor (TI) LP3906 Datasheet HTML 7Page - National Semiconductor (TI) LP3906 Datasheet HTML 8Page - National Semiconductor (TI) LP3906 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LP3906
Dual High-Current Step-Down DC/DC and Dual Linear
Regulator with I2C Compatible Interface
General Description
The LP3906 is a multi-function, programmable Power Man-
agement Unit, optimized for low power FPGAs, Microproces-
sors and DSPs. This device integrates two highly efficient
1.5A Step-Down DC/DC converters with dynamic voltage
management (DVM), two 300mA Linear Regulators and a
400kHz I2C compatible interface to allow a host controller
access to the internal control registers of the LP3906. The
LP3906 additionally features programmable power-on se-
quencing and is offered in a tiny5x4x 0.8mm LLP-24 pin
package.
Key Specifications
Step-Down DC/DC Converter (Buck)
n
1.5A output current
n
Programmable Vout from:
— Buck1 : 0.8V–2.0V
— Buck2 : 1.0V–3.5V
n
Up to 96% efficiency
n
2 MHz PWM switching frequency
n ±
3% output voltage accuracy
n
Automatic soft start
Linear Regulators (LDO)
n
Programmable V
OUT of 1.0V–3.5V
n ±
3% output voltage accuracy
n
300 mA output currents
n
25 mV (typ) Dropout
Features
n
Compatible with advanced applications processors and
FPGAs
n
2 LDOs for powering Internal processor functions and
I/Os
n
High speed serial interface for independent control of
device functions and settings
n
Precision internal reference
n
Thermal overload protection
n
Current overload protection
n
24-lead5x4x0.8mmLLP package
n
Software Programmable Regulators
Applications
n
FPGA, DSP core power
n
Applications processors
n
Peripheral I/O power
September 2006
© 2006 National Semiconductor Corporation
DS201978
www.national.com


Similar Part No. - LP3906

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3906 TI-LP3906 Datasheet
3Mb / 47P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
LP3906 TI1-LP3906 Datasheet
3Mb / 47P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
LP3906SQ-DJXI TI-LP3906SQ-DJXI Datasheet
3Mb / 47P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
LP3906SQ-DJXI/NOPB TI1-LP3906SQ-DJXI/NOPB Datasheet
3Mb / 47P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
LP3906SQ-FXPI TI-LP3906SQ-FXPI Datasheet
3Mb / 47P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
More results

Similar Description - LP3906

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3907 NSC-LP3907 Datasheet
2Mb / 42P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
Intersil Corporation
LP3907 INTERSIL-LP3907 Datasheet
2Mb / 44P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
December 12, 2007
logo
National Semiconductor ...
LP8720 NSC-LP8720 Datasheet
1Mb / 24P
One Step-Down DC/DC and Five Linear Regulators with I2C Compatible Interface
logo
Texas Instruments
LP3906SQ-JXXI TI-LP3906SQ-JXXI Datasheet
3Mb / 47P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
LP3907 TI1-LP3907_14 Datasheet
3Mb / 57P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C-Compatible Interface
LP8731-Q1 TI-LP8731-Q1_15 Datasheet
1Mb / 51P
LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP3906 TI1-LP3906 Datasheet
3Mb / 47P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
Dual High-Current Step-Down DC-DC And Dual Linear Regulator
LP8731-Q1 TI1-LP8731-Q1 Datasheet
1Mb / 51P
LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com