Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3906 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3906
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3906 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button LP3906 Datasheet HTML 20Page - National Semiconductor (TI) LP3906 Datasheet HTML 21Page - National Semiconductor (TI) LP3906 Datasheet HTML 22Page - National Semiconductor (TI) LP3906 Datasheet HTML 23Page - National Semiconductor (TI) LP3906 Datasheet HTML 24Page - National Semiconductor (TI) LP3906 Datasheet HTML 25Page - National Semiconductor (TI) LP3906 Datasheet HTML 26Page - National Semiconductor (TI) LP3906 Datasheet HTML 27Page - National Semiconductor (TI) LP3906 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
LP3906 Control Registers (Continued)
INTERRUPT STATUS REGISTER (ISRA) 0X02
This register informs the user of the temperature status of the chip.
D7-2
D1
D0
Name
—
Temp 125˚C
—
Access
—
R
—
Data
Reserved
Status bit for thermal warning PMIC T>125˚C
0 – PMIC Temp. < 125˚C
1 – PMIC Temp. > 125˚C
Reserved
Reset
0
0
0
CONTROL 1 REGISTER (SCR1) 0X07
This register allows the user to select the preset delay sequence for power-on timing, to switch between PFM and PWM mode
for the bucks, and also to select between an internal and external clock for the bucks.
The external LDO and SW enables should be pulled LOW to allow the blocks to sequence correctly through assertion of the EN_T
pin.
D7
D6-4
D3
D2
D1
D0
Name
—
EN_DLY
—
FPWM2
FPWM1
ECEN
Access
—
R/W
—
R/W
R/W
R/W
Data
Reserved
Selects the preset
delay sequence from
EN_T assertion
(shown below)
Reserved
Buck 2 PWM /PFM
Mode select
0 – Auto Switch PFM
- PWM operation
1 – PWM Mode Only
Buck 1 PWM /PFM
Mode select
0 – Auto Switch PFM
- PWM operation
1 – PWM Mode Only
External Buck Clock
Select
0 – Internal 2 MHz
Oscillator clock
1 – External 13 MHz
Oscillator clock
Reset
0
010
1
0
0
0
EN_DLY PRESET DELAY SEQUENCE AFTER EN_T ASSERTION
EN_DLY<2:0>
Delay (ms)
Buck1
Buck2
LDO1
LDO2
000
11
1
1
001
1
1.5
2
2
010
1.5
2
3
6
011
1.5
2
1
1
100
1.5
2
3
6
101
1.5
1.5
2
2
110
3
2
1
1.5
111
23
6
11
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com