Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3906 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3906
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3906 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LP3906 Datasheet HTML 11Page - National Semiconductor (TI) LP3906 Datasheet HTML 12Page - National Semiconductor (TI) LP3906 Datasheet HTML 13Page - National Semiconductor (TI) LP3906 Datasheet HTML 14Page - National Semiconductor (TI) LP3906 Datasheet HTML 15Page - National Semiconductor (TI) LP3906 Datasheet HTML 16Page - National Semiconductor (TI) LP3906 Datasheet HTML 17Page - National Semiconductor (TI) LP3906 Datasheet HTML 18Page - National Semiconductor (TI) LP3906 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
DC/DC Converters
OVERVIEW
The LP3906 supplies the various power needs of the application by means of two Linear Low Drop Regulators LDO1 and LDO2
and two Buck converters SW1 and SW2. The table here under lists the output characteristics of the various regulators.
SUPPLY SPECIFICATION
Supply
Load
Output
V
OUT Range(V)
Resolution (mV)
I
MAX
Maximum Output
Current (mA)
LDO1
analog
1.0 to 3.5
100
300
LDO2
analog
1.0 to 3.5
100
300
SW1
digital
0.8 to 2.0
50
1500
SW2
digital
1.0 to 3.5
100
1500
*For default values of the regulators, please consult Default Voltage Options Table page 3
LINEAR LOW DROP-OUT REGULATORS (LDOS)
LDO1 and LDO2 are identical linear regulators targeting
analog loads characterized by low noise requirements.
LDO1 and LDO2 are enabled through the ENLDO pin or
through the corresponding LDO1 or LDO2 control register.
The output voltages of both LDOs are register program-
mable. The default output voltages are factory programmed
during Final Test, which can be tailored to the specific needs
of the system designer.
20197822
NO-LOAD STABILITY
The LDOs will remain stable and in regulation with no exter-
nal load. This is an important consideration in some circuits,
for example CMOS RAM keep-alive applications.
LDO1 AND LDO2 CONTROL REGISTERS
LDO1 and LDO2 can be configured by means of the LDO1
and LDO2 control registers. The output voltage is program-
mable in steps of 100mV from 1.0V to 3.5V by programming
bits D4-0 in the LDO Control registers. Both LDO1 and LDO2
are enabled by applying a logic 1 to the ENLDO1 and
ENLDO2 pin. Enable/disable control is also provided through
enable bit of the LDO1 and LDO2 control registers. The
value of the enable LDO bit in the register is logic 1 by
default. The output voltage can be altered while the LDO is
enabled.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com