Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3906 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3906
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3906 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LP3906 Datasheet HTML 12Page - National Semiconductor (TI) LP3906 Datasheet HTML 13Page - National Semiconductor (TI) LP3906 Datasheet HTML 14Page - National Semiconductor (TI) LP3906 Datasheet HTML 15Page - National Semiconductor (TI) LP3906 Datasheet HTML 16Page - National Semiconductor (TI) LP3906 Datasheet HTML 17Page - National Semiconductor (TI) LP3906 Datasheet HTML 18Page - National Semiconductor (TI) LP3906 Datasheet HTML 19Page - National Semiconductor (TI) LP3906 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
SW1, SW2: Synchronous Step
Down Magnetic DC/DC Converters
FUNCTIONAL DESCRIPTION
The LP3906 incorporates two high efficiency synchronous
switching buck regulators, SW1 and SW2 that deliver a
constant voltage from a single Li-Ion battery to the portable
system processors. Using a voltage mode architecture with
synchronous rectification, both bucks have the ability to
deliver up to 1500mA depending on the input voltage and
output voltage (voltage head room), and the inductor chosen
(maximum current capability).
There are three modes of operation depending on the cur-
rent required - PWM, PFM, and shutdown. PWM mode
handles current loads of approximately 70mA or higher,
delivering voltage precision of +/-3% with 90% efficiency or
better. Lighter output current loads cause the device to au-
tomatically switch into PFM for reduced current consumption
(I
Q = 15 µA typ.) and a longer battery life. The Standby
operating mode turns off the device, offering the lowest
current consumption. PWM or PFM mode is selected auto-
matically or PWM mode can be forced through the setting of
the buck control register.
Both SW1 and SW2 can operate up to a 100% duty cycle
(PMOS switch always on) for low drop out control of the
output voltage. In this way the output voltage will be con-
trolled down to the lowest possible input voltage.
Additional features include soft-start, under-voltage lock-out,
current overload protection, and thermal overload protection.
CIRCUIT OPERATION DESCRIPTION
A buck converter contains a control block, a switching PFET
connected between input and output, a synchronous rectify-
ing NFET connected between the output and ground (BCK-
GND pin) and a feedback path. During the first portion of
each switching cycle, the control block turns on the internal
PFET switch. This allows current to flow from the input
through the inductor to the output filter capacitor and load.
The inductor limits the current to a ramp with a slope of
by storing energy in a magnetic field. During the second
portion of each cycle, the control block turns the PFET
switch off, blocking current flow from the input, and then
turns the NFET synchronous rectifier on. The inductor draws
current from ground through the NFET to the output filter
capacitor and load, which ramps the inductor current down
with a slope of
The output filter stores charge when the inductor current is
high, and releases it when low, smoothing the voltage across
the load.
PWM OPERATION
During PWM operation the converter operates as a voltage-
mode controller with input voltage feed forward. This allows
the converter to achieve excellent load and line regulation.
The DC gain of the power stage is proportional to the input
voltage. To eliminate this dependence, feed forward voltage
inversely proportional to the input voltage is introduced.
INTERNAL SYNCHRONOUS RECTIFICATION
While in PWM mode, the buck uses an internal NFET as a
synchronous rectifier to reduce rectifier forward voltage drop
and associated power loss. Synchronous rectification pro-
vides a significant improvement in efficiency whenever the
output voltage is relatively low compared to the voltage drop
across an ordinary rectifier diode.
CURRENT LIMITING
A current limit feature allows the converter to protect itself
and external components during overload conditions. PWM
mode implements current limiting using an internal compara-
tor that trips at 2.0 A (typ). If the output is shorted to ground
the device enters a timed current limit mode where the NFET
is turned on for a longer duration until the inductor current
falls below a low threshold, ensuring inductor current has
more time to decay, thereby preventing runaway.
A current limit feature allows the buck to protect itself and
external components during overload conditions PWM mode
implements cycle-by-cycle current limiting using an internal
comparator that trips at 2000mA (typical).
PFM OPERATION
At very light loads, the converter enters PFM mode and
operates with reduced switching frequency and supply cur-
rent to maintain high efficiency.
The part will automatically transition into PFM mode when
either of two conditions occurs for a duration of 32 or more
clock cycles:
A. The inductor current becomes discontinuous
or
B. The peak PMOS switch current drops below the I
MODE
level
During PFM operation, the converter positions the output
voltage slightly higher than the nominal output voltage during
PWM operation, allowing additional headroom for voltage
drop during a load transient from light to heavy load. The
PFM comparators sense the output voltage via the feedback
pin and control the switching of the output FETs such that the
output voltage ramps between 0.8% and 1.6% (typical)
above the nominal PWM output voltage. If the output voltage
is below the ‘high’ PFM comparator threshold, the PMOS
power switch is turned on. It remains on until the output
voltage exceeds the ‘high’ PFM threshold or the peak current
exceeds the I
PFM level set for PFM mode. The typical peak
current in PFM mode is:
Once the PMOS power switch is turned off, the NMOS
power switch is turned on until the inductor current ramps to
zero. When the NMOS zero-current condition is detected,
the NMOS power switch is turned off. If the output voltage is
below the ‘high’ PFM comparator threshold (see figure be-
low), the PMOS switch is again turned on and the cycle is
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com