Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3906 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3906
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3906 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button LP3906 Datasheet HTML 29Page - National Semiconductor (TI) LP3906 Datasheet HTML 30Page - National Semiconductor (TI) LP3906 Datasheet HTML 31Page - National Semiconductor (TI) LP3906 Datasheet HTML 32Page - National Semiconductor (TI) LP3906 Datasheet HTML 33Page - National Semiconductor (TI) LP3906 Datasheet HTML 34Page - National Semiconductor (TI) LP3906 Datasheet HTML 35Page - National Semiconductor (TI) LP3906 Datasheet HTML 36Page - National Semiconductor (TI) LP3906 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
Application Notes (Continued)
high frequency noise. The ESR of a typical 1.0 µF ceramic
capacitor is in the range of 20 m
Ω to 40 mΩ, which easily
meets the ESR requirement for stability for the LDOs.
For both input and output capacitors, careful interpretation of
the capacitor specification is required to ensure correct de-
vice operation. The capacitor value can change greatly, de-
pending on the operating conditions and capacitor type.
In particular, the output capacitor selection should take ac-
count of all the capacitor parameters, to ensure that the
specification is met within the application. The capacitance
can vary with DC bias conditions as well as temperature and
frequency of operation. Capacitor values will also show
some decrease over time due to aging. The capacitor pa-
rameters are also dependent on the particular case size,
with smaller sizes giving poorer performance figures in gen-
eral. As an example, the graph below shows a typical graph
comparing different capacitor case sizes in a Capacitance
vs. DC Bias plot.
20197828
Graph Showing a Typical Variation in Capacitance vs.
DC Bias
As shown in the graph, increasing the DC Bias condition can
result in the capacitance value that falls below the minimum
value given in the recommended capacitor specifications
table. Note that the graph shows the capacitance out of spec
for the 0402 case size capacitor at higher bias voltages. It is
therefore recommended that the capacitor manufacturers’
specifications for the nominal value capacitor are consulted
for all conditions, as some capacitor sizes (e.g. 0402) may
not be suitable in the actual application.
The ceramic capacitor’s capacitance can vary with tempera-
ture. The capacitor type X7R, which operates over a tem-
perature range of −55˚C to +125˚C, will only vary the capaci-
tance to within ±15%. The capacitor type X5R has a similar
tolerance over a reduced temperature range of −55˚C to
+85˚C. Many large value ceramic capacitors, larger than
1 µF are manufactured with Z5U or Y5V temperature char-
acteristics. Their capacitance can drop by more than 50% as
the temperature varies from 25˚C to 85˚C. Therefore X7R is
recommended over Z5U and Y5V in applications where the
ambient temperature will change significantly above or be-
low 25˚C.
Tantalum capacitors are less desirable than ceramic for use
as output capacitors because they are more expensive when
comparing equivalent capacitance and voltage ratings in the
0.47 µF to 4.7 µF range.
Another important consideration is that tantalum capacitors
have higher ESR values than equivalent size ceramics. This
means that while it may be possible to find a tantalum
capacitor with an ESR value within the stable range, it would
have to be larger in capacitance (which means bigger and
more costly) than a ceramic capacitor with the same ESR
value. It should also be noted that the ESR of a typical
tantalum will increase about 2:1 as the temperature goes
from 25˚C down to −40˚C, so some guard band must be
allowed.
Input Capacitor Selection for SW1 and SW2
A ceramic input capacitor of 10 µF, 6.3V is sufficient for the
magnetic dc/dc converters. Place the input capacitor as
close as possible to the input of the device. A large value
may be used for improved input voltage filtering. The recom-
mended capacitor types are X7R or X5R. Y5V type capaci-
tors should not be used. DC bias characteristics of ceramic
capacitors must be considered when selecting case sizes
like 0805 and 0603. The input filter capacitor supplies cur-
rent to the PFET switch of the dc/dc converter in the first half
of each cycle and reduces voltage ripple imposed on the
input power source. A ceramic capacitor’s low ESR (Equiva-
lent Series Resistance) provides the best noise filtering of
the input voltage spikes due to fast current transients. A
capacitor with sufficient ripple current rating should be se-
lected. The Input current ripple can be calculated as:
The worse case is when V
IN =2VOUT
Output Capacitor Selection for SW1, SW2
A 10 µF, 6.3V ceramic capacitor should be used on the
output of the sw1 and sw2 magnetic dc/dc converters. The
input capacitor needs to be mounted as close as possible to
the input of the device. A large value may be used for
improved input voltage filtering. The recommended capacitor
types are X7R or X5R. Y5V type capacitors should not be
used. DC bias characteristics of ceramic capacitors must be
considered when selecting case sizes like 0805 and 0603.
DC bias characteristics vary from manufacturer to manufac-
turer and DC bias curves should be requested from them
and analyzed as part of the capacitor selection process.
The output filter capacitor of the magnetic dc/dc converter
smoothes out current flow from the inductor to the load,
helps maintain a steady output voltage during transient load
changes and reduces output voltage ripple. These capaci-
tors must be selected with sufficient capacitance and suffi-
ciently low ESD to perform these functions.
The output voltage ripple is caused by the charging and
discharging of the output capacitor and also due to its ESR
and can be calculated as follows:
www.national.com
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com