Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3906 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3906
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3906 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button LP3906 Datasheet HTML 30Page - National Semiconductor (TI) LP3906 Datasheet HTML 31Page - National Semiconductor (TI) LP3906 Datasheet HTML 32Page - National Semiconductor (TI) LP3906 Datasheet HTML 33Page - National Semiconductor (TI) LP3906 Datasheet HTML 34Page - National Semiconductor (TI) LP3906 Datasheet HTML 35Page - National Semiconductor (TI) LP3906 Datasheet HTML 36Page - National Semiconductor (TI) LP3906 Datasheet HTML 37Page - National Semiconductor (TI) LP3906 Datasheet HTML 38Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
Application Notes (Continued)
Voltage peak-to-peak ripple due to ESR can be expressed
as follows:
V
PP–ESR =2xIRIPPLE xRESR
Because the V
PP-C and VPP-ESR are out of phase, the rms
value can be used to get an approximate value of the peak-
to-peak ripple:
Note that the output voltage ripple is dependent on the
inductor current ripple and the equivalent series resistance
of the output capacitor (R
ESR). The RESR is frequency de-
pendent as well as temperature dependent. The R
ESR
should be calculated with the applicable switching frequency
and ambient temperature.
Capacitor
Min
Value
Unit
Description
Recommended
Type
C
LDO1
0.47
µF
LDO1 output
capacitor
Ceramic, 6.3V,
X5R
C
LDO2
0.47
µF
LDO2 output
capacitor
Ceramic, 6.3V,
X5R
C
SW1
10.0
µF
SW1 output
capacitor
Ceramic, 6.3V,
X5R
C
SW2
10.0
µF
SW2 output
capacitor
Ceramic, 6.3V,
X5R
I
2C Pullup Resistor
Both I
2C_SDA and I2C_SCL terminals need to have pullup
resistors connected to VINLDO12 or to the power supply of
the I
2C master. The values of the pull-up resistors (typ.
∼1.8kΩ) are determined by the capacitance of the bus. Too
large of a resistor combined with a given bus capacitance
will result in a rise time that would violate the max. rise time
specification. A too small resistor will result in a contention
with the pull-down transistor on either slave(s) or master.
Operation without I
2C Interface
Operation of the LP3906 without the I
2C interface is possible
if the system can operate with default values for the LDO and
Buck regulators. (Read below: Factory programmable op-
tions). The I
2C-less system must rely on the correct default
output values of the LDO and Buck converters.
Factory Programmable Options
The following options are EPROM programmed during final
test of the LP3906. The system designer that needs specific
options is advised to contact the local National Semiconduc-
tor sales office.
Factory programmable options
Current value
Enable delay for power on
code 010 (see
Control 1 register
section)
SW1 ramp speed
8 mV/µs
SW2 ramp speed
8 mV/µs
The I
2C Chip ID address is offered as a metal mask option.
The current value equals 0x60.
www.national.com
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com