Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3906 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3906
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3906 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP3906 Datasheet HTML 1Page - National Semiconductor (TI) LP3906 Datasheet HTML 2Page - National Semiconductor (TI) LP3906 Datasheet HTML 3Page - National Semiconductor (TI) LP3906 Datasheet HTML 4Page - National Semiconductor (TI) LP3906 Datasheet HTML 5Page - National Semiconductor (TI) LP3906 Datasheet HTML 6Page - National Semiconductor (TI) LP3906 Datasheet HTML 7Page - National Semiconductor (TI) LP3906 Datasheet HTML 8Page - National Semiconductor (TI) LP3906 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Pin Descriptions
Pin
Pin Name
I/O
Type
Functional Description
1
VIN2
I
PWR
Power in from either DC source or Battery to Buck 2
2
SW2
O
PWR
Buck2 switcher output pin
3
GND_SW2
G
G
Buck2 NMOS Power Ground
4
GND_C
G
G
Non switching core ground pin
5
GND_SW1
G
G
Buck1 NMOS Power Ground
6
SW1
O
PWR
Buck1 switcher output pin
7
VIN1
I
PWR
Power in from either DC source or Battery to buck 1
8
SDA
I/O
D
I
2C Data (Bidirectional)
9
SCL
I
D
I
2C Clock
10
EN_T
I
D
Enable for preset power on sequence.
11
FB1
I
A
Buck1 input feedback terminal
12
AVDD
I
PWR
Analog Power for Buck converters.
13
VINLDO1
I
PWR
Power in from either DC source or Battery to input terminal of
LDO1
14
LDO1
O
PWR
LDO1 Output
15
ENLDO1
I
D
LDO1 enable pin, a logic HIGH enables the LDO1
16
ENLDO2
I
D
LDO2 enable pin, a logic HIGH enables the LDO2
17
GND_L
G
G
LDO Ground
18
LDO2
O
PWR
LDO2 Output
19
VINLDO2
I
PWR
Power in from either DC source or battery to input terminal to
LDO2
20
VinLDO12
I
PWR
Analog Power for Internal Functions (VREF, BIAS, I2C, Logic)
21
FB2
I
A
Buck2 input feedback terminal
22
ENSW1
I
D
Enable Pin for Buck1 switcher, a logic HIGH enables Buck1
23
SYNC
I
D
Frequency Synchronization pin which allows the user to
connect an external clock signal PLL to synchronize the PMIC
internal oscillator.
24
ENSW2
I
D
Enable Pin for Buck2 switcher, a logic HIGH enables Buck2
A: Analog Pin D: Digital Pin G: Ground Pin PWR: Power Pin I: Input Pin I/O: Input/Output Pin O: Output Pin
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com