Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 119 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 119 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 115Page - Cirrus Logic WM8321 Datasheet HTML 116Page - Cirrus Logic WM8321 Datasheet HTML 117Page - Cirrus Logic WM8321 Datasheet HTML 118Page - Cirrus Logic WM8321 Datasheet HTML 119Page - Cirrus Logic WM8321 Datasheet HTML 120Page - Cirrus Logic WM8321 Datasheet HTML 121Page - Cirrus Logic WM8321 Datasheet HTML 122Page - Cirrus Logic WM8321 Datasheet HTML 123Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 253 page
background image
Production Data
WM8321
w
PD, February 2012, Rev 4.0
119
23 INTERRUPT CONTROLLER
The WM8321 has a comprehensive Interrupt logic capability. The dedicated IRQ
¯¯¯ pin can be used to
alert a host processor to selected events or fault conditions. Each of the interrupt conditions can be
individually enabled or masked. Following an interrupt event, the host processor should read the
interrupt registers in order to determine what caused the interrupt, and take appropriate action if
required.
The WM8321 interrupt controller has two levels:
Secondary interrupts indicate a single event in one of the circuit blocks. The event is indicated by
setting a register bit. This bit is a latching bit - once it is set, it remains at logic 1 even if the trigger
condition is cleared. The secondary interrupts are cleared by writing a logic 1 to the relevant register
bit. Note that reading the register does not clear the secondary interrupt.
Primary interrupts are the logical OR of the associated secondary interrupts (usually all the interrupts
associated with one particular circuit block). Each of the secondary interrupts can be individually
masked or enabled as an input to the corresponding primary interrupt. The primary interrupt register
R16400 (4010h) is read-only.
The status of the IRQ
¯¯¯ pin reflects the logical NOR of the primary interrupts. A logic 0 indicates that
one or more of the primary interrupts is asserted. Each of the primary interrupts can be individually
masked or enabled as an input to the IRQ
¯¯¯ pin output.
The IRQ
¯¯¯ pin output can either be CMOS driven or Open Drain (integrated pull-up) configuration, as
determined by the IRQ_OD register bit. When the IRQ
¯¯¯ pin is Open Drain, it is actively driven low when
asserted; the pull-up causes a logic high output when not asserted. The Open Drain configuration
enables multiple devices to share a common Interrupt line with the host processor.
The IRQ
¯¯¯ pin output can be masked by setting the IM_IRQ register bit. When the IRQ
¯¯¯ pin is masked, it
is held in the logic 1 (or Open Drain) state regardless of any internal interrupt event.
Note that the secondary interrupt bits are always valid - they are set as normal, regardless of whether
the bit is enabled or masked as an input to the corresponding primary interrupt. The primary interrupt
bits are set and cleared as normal in response to any unmasked secondary interrupt, regardless of
whether the primary interrupt bit is enabled or masked as an input to the IRQ
¯¯¯ pin output.
Note also that if any internal condition is configured to trigger an event other than an Interrupt (eg. the
Watchdog timer triggers Reset), these events are always actioned, regardless of the state of any
interrupt mask bits.
The IRQ
¯¯¯ pin output is configured using the register bits described in Table 63.
ADDRESS
BIT
LABEL
DESCRIPTION
R16407
(4017h)
IRQ Config
1
IRQ_OD
IRQ pin configuration
0 = CMOS
1 = Open Drain (integrated pull-up)
0
IM_IRQ
IRQ pin output mask
0 = Normal
1 = IRQ output is masked
Table 63 IRQ Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com