Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 123 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 123 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 119Page - Cirrus Logic WM8321 Datasheet HTML 120Page - Cirrus Logic WM8321 Datasheet HTML 121Page - Cirrus Logic WM8321 Datasheet HTML 122Page - Cirrus Logic WM8321 Datasheet HTML 123Page - Cirrus Logic WM8321 Datasheet HTML 124Page - Cirrus Logic WM8321 Datasheet HTML 125Page - Cirrus Logic WM8321 Datasheet HTML 126Page - Cirrus Logic WM8321 Datasheet HTML 127Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 253 page
background image
Production Data
WM8321
w
PD, February 2012, Rev 4.0
123
23.2.2 THERMAL INTERRUPTS
The primary TEMP_INT interrupt comprises a single secondary interrupt as described in Section 26.
The secondary interrupt bit is defined in Table 66.
The secondary interrupt can be masked. When the mask bit is set, the corresponding interrupt event
is masked and does not trigger a TEMP_INT interrupt. The secondary interrupt bit in R16401 (4011h)
is valid regardless of whether the mask bit is set. The secondary interrupt is masked by default.
ADDRESS
BIT
LABEL
DESCRIPTION
R16401 (4011h)
Interrupt Status
1
1
TEMP_THW_CINT
Thermal Warning interrupt
(Rising and Falling Edge triggered)
Note: Cleared when a ‘1’ is written.
R16410 (4019h)
Interrupt Status
1 Mask
1
IM_TEMP_THW_CINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 66 Thermal Interrupts
23.2.3 GPIO INTERRUPTS
The primary GP_INT interrupt comprises sixteen secondary interrupts as described in Section 21.4.
The secondary interrupt bits are defined in Table 67.
Each of the secondary interrupts can be masked. When a mask bit is set, the corresponding interrupt
event is masked and does not trigger a GP_INT interrupt. The secondary interrupt bits in R16405
(4015h) are valid regardless of whether the mask bit is set. The secondary interrupts are all masked
by default.
ADDRESS
BIT
LABEL
DESCRIPTION
R16405 (4015h)
Interrupt Status
5
15:0
GPn_EINT
GPIO interrupt.
(Trigger is controlled by
GPn_INT_MODE)
Note: Cleared when a ‘1’ is written.
R16413
(401Dh)
Interrupt Status
5 Mask
15:0
IM_GPn_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Note: n
is a number between 1 and 12 that identifies the individual GPIO.
Table 67 GPIO Interrupts
23.2.4 ON PIN INTERRUPTS
The primary ON_PIN_INT interrupt comprises a single secondary interrupt as described in
Section 11.6. The secondary interrupt bit is defined in Table 68.
The secondary interrupt can be masked. When the mask bit is set, the corresponding interrupt event
is masked and does not trigger an ON_PIN_INT interrupt. The secondary interrupt bit in R16401
(4011h) is valid regardless of whether the mask bit is set. The secondary interrupt is masked by
default.
ADDRESS
BIT
LABEL
DESCRIPTION
R16401 (4011h)
Interrupt Status
1
12
ON_PIN_CINT
ON pin interrupt.
(Rising and Falling Edge triggered)
Note: Cleared when a ‘1’ is written.
R16409 (4019h)
Interrupt Status
1 Mask
12
IM_ON_PIN_CINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 68 ON Pin Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com