Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 125 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 125 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 121Page - Cirrus Logic WM8321 Datasheet HTML 122Page - Cirrus Logic WM8321 Datasheet HTML 123Page - Cirrus Logic WM8321 Datasheet HTML 124Page - Cirrus Logic WM8321 Datasheet HTML 125Page - Cirrus Logic WM8321 Datasheet HTML 126Page - Cirrus Logic WM8321 Datasheet HTML 127Page - Cirrus Logic WM8321 Datasheet HTML 128Page - Cirrus Logic WM8321 Datasheet HTML 129Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 253 page
background image
Production Data
WM8321
w
PD, February 2012, Rev 4.0
125
ADDRESS
BIT
LABEL
DESCRIPTION
R16401
(4011h)
Interrupt Status
1
15
PPM_SYSLO_EINT
Power Path SYSLO interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16409
(4019h)
Interrupt Status
1 Mask
15
IM_PPM_SYSLO_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 71 Power Path Management Interrupts
23.2.8 REAL TIME CLOCK AND CRYSTAL OSCILLATOR INTERRUPTS
The primary RTC_INT interrupt comprises four secondary interrupts as described in Section 20.3. The
secondary interrupt bits are defined in Table 72.
Each of the secondary interrupts can be masked except for XTAL_TAMPER_EINT, which cannot be
masked. When a mask bit is set, the corresponding interrupt event is masked and does not trigger a
RTC_INT interrupt. The secondary interrupt bits in R16401 (4011h) and R16404 (4014h) are valid
regardless of whether the mask bit is set.
The secondary interrupts are all masked by default, except for XTAL_TAMPER_EINT, which cannot
be masked.
ADDRESS
BIT
LABEL
DESCRIPTION
R16401
(4011h)
Interrupt Status
1
3
RTC_PER_EINT
RTC Periodic interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
2
RTC_ALM_EINT
RTC Alarm interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16404
(4014h)
Interrupt Status
4
7
XTAL_START_EINT
Crystal Oscillator Start Failure interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
6
XTAL_TAMPER_EINT
Crystal Oscillator Tamper interrupt
(Rising and Falling Edge triggered)
Note: Cleared when a ‘1’ is written.
R16409
(4019h)
Interrupt Status
1 Mask
3
IM_RTC_PER_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
2
IM_RTC_ALM_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
R16412
(401Ch)
Interrupt Status
4 Mask
7
IM_XTAL_START_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 72 Real Time Clock (RTC) and Crystal Oscillator (XTAL) Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com