Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 122 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 122 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 118Page - Cirrus Logic WM8321 Datasheet HTML 119Page - Cirrus Logic WM8321 Datasheet HTML 120Page - Cirrus Logic WM8321 Datasheet HTML 121Page - Cirrus Logic WM8321 Datasheet HTML 122Page - Cirrus Logic WM8321 Datasheet HTML 123Page - Cirrus Logic WM8321 Datasheet HTML 124Page - Cirrus Logic WM8321 Datasheet HTML 125Page - Cirrus Logic WM8321 Datasheet HTML 126Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 253 page
background image
WM8321
Production Data
w
PD, February 2012, Rev 4.0
122
ADDRESS
BIT
LABEL
DESCRIPTION
1
IM_HC_INT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
0
IM_UV_INT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 64 Primary Interrupt Status and Mask Bits
23.2 SECONDARY INTERRUPTS
The following sections define the secondary interrupt status and control bits associated with each of
the primary interrupt bits defined in Table 64.
23.2.1 POWER STATE INTERRUPT
The primary PS_INT interrupt comprises three secondary interrupts as described in Section 11.4. The
secondary interrupt bits are defined in Table 65.
Each of the secondary interrupts can be masked. When a mask bit is set, the corresponding interrupt
event is masked and does not trigger a PS_INT interrupt. The secondary interrupt bits in R16402
(4012h) are valid regardless of whether the mask bit is set. The secondary interrupts are all masked
by default.
ADDRESS
BIT
LABEL
DESCRIPTION
R16402
(4012h)
Interrupt Status
2
2
PS_POR_EINT
Power On Reset interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
1
PS_SLEEP_OFF_EINT
SLEEP or OFF interrupt (Power state
transition to SLEEP or OFF states)
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
0
PS_ON_WAKE_EINT
ON or WAKE interrupt (Power state
transition to ON state)
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16410
(401Ah)
Interrupt Status
2 Mask
2
IM_PS_POR_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
1
IM_PS_SLEEP_OFF_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
0
IM_PS_ON_WAKE_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 65 Power State Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com