Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 124 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 124 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 120Page - Cirrus Logic WM8321 Datasheet HTML 121Page - Cirrus Logic WM8321 Datasheet HTML 122Page - Cirrus Logic WM8321 Datasheet HTML 123Page - Cirrus Logic WM8321 Datasheet HTML 124Page - Cirrus Logic WM8321 Datasheet HTML 125Page - Cirrus Logic WM8321 Datasheet HTML 126Page - Cirrus Logic WM8321 Datasheet HTML 127Page - Cirrus Logic WM8321 Datasheet HTML 128Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 253 page
background image
WM8321
Production Data
w
PD, February 2012, Rev 4.0
124
23.2.5 WATCHDOG INTERRUPTS
The primary WDOG_INT interrupt comprises a single secondary interrupt as described in Section 25.
The secondary interrupt bit is defined in Table 69.
The secondary interrupt can be masked. When the mask bit is set, the corresponding interrupt event
is masked and does not trigger a WDOG_INT interrupt. The secondary interrupt bit in R16401
(4011h) is valid regardless of whether the mask bit is set. The secondary interrupt is masked by
default.
ADDRESS
BIT
LABEL
DESCRIPTION
R16401
(4011h)
Interrupt Status
1
11
WDOG_TO_EINT
Watchdog timeout interrupt.
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16409
(4019h)
Interrupt Status
1 Mask
11
IM_WDOG_TO_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 69 Watchdog Timer Interrupts
23.2.6 AUXADC INTERRUPTS
The primary AUXADC_INT interrupt comprises five secondary interrupts as described in Section 18.5.
The secondary interrupt bits are defined in Table 70.
Each of the secondary interrupts can be masked. When a mask bit is set, the corresponding interrupt
event is masked and does not trigger a AUXADC_INT interrupt. The secondary interrupt bits in
R16401 (4011h) are valid regardless of whether the mask bit is set. The secondary interrupts are all
masked by default.
ADDRESS
BIT
LABEL
DESCRIPTION
R16401
(4011h)
Interrupt Status
1
8
AUXADC_DATA_EINT
AUXADC Data Ready interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
7:4
AUXADC_DCOMPn_EINT
AUXADC Digital Comparator n interrupt
(Trigger is controlled by DCMPn_GT)
Note: Cleared when a ‘1’ is written.
R16409
(4019h)
Interrupt Status
1 Mask
8
IM_AUXADC_DATA_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
7:4
IM_AUXADC_DCOMPn_EI
NT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Note: n
is a number between 1 and 4 that identifies the individual Comparator.
Table 70 AUXADC Interrupts
23.2.7 POWER PATH MANAGEMENT INTERRUPTS
The primary PPM_INT interrupt comprises a single secondary interrupt as described in Section 17.2.
The secondary interrupt bit is defined in Table 71.
The secondary interrupt can be masked. When the mask bit is set, the corresponding interrupt event
is masked and does not trigger a PPM_INT interrupt. The secondary interrupt bit in R16401 (4011h)
are valid regardless of whether the mask bit is set. The secondary interrupt is masked by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com