Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 126 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 126 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 122Page - Cirrus Logic WM8321 Datasheet HTML 123Page - Cirrus Logic WM8321 Datasheet HTML 124Page - Cirrus Logic WM8321 Datasheet HTML 125Page - Cirrus Logic WM8321 Datasheet HTML 126Page - Cirrus Logic WM8321 Datasheet HTML 127Page - Cirrus Logic WM8321 Datasheet HTML 128Page - Cirrus Logic WM8321 Datasheet HTML 129Page - Cirrus Logic WM8321 Datasheet HTML 130Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 253 page
background image
WM8321
Production Data
w
PD, February 2012, Rev 4.0
126
23.2.9 OTP MEMORY INTERRUPTS
The primary OTP_INT interrupt comprises two secondary interrupts as described in Section 14.5. The
secondary interrupt bits are defined in Table 73.
Each of the secondary interrupts can be masked. When a mask bit is set, the corresponding interrupt
event is masked and does not trigger a OTP_INT interrupt. The secondary interrupt bits in R16402
(4012h) are valid regardless of whether the mask bit is set. The secondary interrupts are all masked
by default.
ADDRESS
BIT
LABEL
DESCRIPTION
R16402
(4012h)
Interrupt Status
2
5
OTP_CMD_END_EINT
OTP / ICE Command End interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
4
OTP_ERR_EINT
OTP / ICE Command Fail interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16410
(401Ah)
Interrupt Status
2 Mask
5
IM_OTP_CMD_END_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
4
IM_OTP_ERR_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 73 OTP Memory Interrupts
23.2.10 HIGH CURRENT INTERRUPTS
The primary HC_INT interrupt comprises two secondary interrupts as described in Section 15.12. The
secondary interrupt bits are defined in Table 74.
Each of the secondary interrupts can be masked. When a mask bit is set, the corresponding interrupt
event is masked and does not trigger a HC_INT interrupt. The secondary interrupt bits in R16404
(4014h) are valid regardless of whether the mask bit is set. The secondary interrupts are all masked
by default.
ADDRESS
BIT
LABEL
DESCRIPTION
R16404
(4014h)
Interrupt Status
4
9
HC_DC2_EINT
DC-DC2 High Current interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
8
HC_DC1_EINT
DC-DC1 High Current interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16412
(401Ch)
Interrupt Status
4 Mask
9
IM_HC_DC2_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
8
IM_HC_DC1_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 74 Overcurrent Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com