Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-HT Datasheet HTML 1Page - IC-Haus GmbH IC-HT Datasheet HTML 2Page - IC-Haus GmbH IC-HT Datasheet HTML 3Page - IC-Haus GmbH IC-HT Datasheet HTML 4Page - IC-Haus GmbH IC-HT Datasheet HTML 5Page - IC-Haus GmbH IC-HT Datasheet HTML 6Page - IC-Haus GmbH IC-HT Datasheet HTML 7Page - IC-Haus GmbH IC-HT Datasheet HTML 8Page - IC-Haus GmbH IC-HT Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev B1, Page 1/45
FEATURES
o Dual channel CW operation with up to 750 mA per channel
o Up to 1500 mA with both channels combined
o 2.8 V to 11 V power supply
o Operation with or without µController
o Individual enable input per channel
o Control loop accuracy better than 1%
o Internal programmable logarithmic monitor resistor
o Operating point setup with 10 bit logarithmic resolution
o ACC or APC mode individually configurable for each channel
o A/D converters for analog monitoring
o Serial programming interface (SPI or I2C compliant)
o Configuration content verification and validation
o Programmable laser overcurrent protection
o Optimized for N-type laser diodes
o Low drop linear regulator for 3.3 V
o Low current standby mode
o Temperature monitor
o Temperature range -40 . . . 85 °C
APPLICATIONS
o Laser diode and LED modules
o CW N-/M-type laser diode
drivers
o Embedded laser diode
controllers
o Structured-light 3D illuminations
o Multiple laser diode control
o Optical amplification/pumping
o Safety related laser controllers
PACKAGES
QFN28 5 mm x 5 mm
BLOCK DIAGRAM
CHECK
VB UNDERVOLTAGE
VDD UNDERVOLTAGE
RAM
PODO
RM2
MONITOR 8 Bit
A
8 Bit
0x18
REF2(9:8)
0x17
RMD2(7:0)
INTEGRITY
1μF
0x14
CFGTIMO
WATCHDOG
WATCHDOG
TIMER
OSCILLATOR
LASER
CONTROL
0x13
REF1(9:8)
RMD1(7:0)
D
REGISTERS
SPI/I2C
255
0
RM1
0x03
ADC1(9:8)
..10 nF..
0x10
10 Bit
D
8 Bit
A
IO DRIVERS
A
10 Bit
ACC
SLAVE
RAM
ILIM2(7:0)
0x11
ILIM1(7:0)
0x05
ADC2(9:8)
0x06
ADC2(7:0)
LASER CHANNEL 1
D
OVC
MEMERR
0x19
REF2(7:0)
APC
REF1(7:0)
OVT
0x04
ADC1(7:0)
0x10
0x1F
0x30
0x3F
0x16
LASER CHANNEL 2
VDD REGULATOR
TEMPERATURE
..10 nF..
R
0x02
0x12
1μF
ADCC1(2:0)
DUAL CW LASER DIODE DRIVER
I LDK1
TEMP(7:0)
+
-
N
+
-
I LDK2
N
CI1
CI2
CVB
CVDD
LDK1
EMC
T.PAD
GND
VDD
VB
REF
ADSNF1
EACC1
OVC1
DISP1
EMC
MDA1
LDK1
CIL1
AGND1
VB
LDK2
CI2
AGND2
MDA2
CIL2
MRL2
MRL1
CI1
CI
ECIE1
DCO
GND
Check
NCHK
EC1
NSTBY
INS/WKR
MISO/SDA
SCLK/SCL
MOSI/A0
NCS/A1
EC2
VDD
VB
I LDK1
I LDK2
N
CI1
N
CVB
CVDD
CI2
Copyright © 2015 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-HT

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HT ICHAUS-IC-HT Datasheet
972Kb / 42P
DUAL CW LASER DIODE DRIVER
IC-HTG ICHAUS-IC-HTG Datasheet
1,003Kb / 40P
POWER CW LASER DIODE DRIVER
IC-HTP ICHAUS-IC-HTP Datasheet
1Mb / 51P
DUAL CW P-TYPE LASER DIODE DRIVER
More results

Similar Description - IC-HT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC-WKM ETC2-IC-WKM Datasheet
242Kb / 9P
M-TYPE CW LASER DIODE DRIVER
logo
IC-Haus GmbH
IC-WK ICHAUS-IC-WK Datasheet
236Kb / 8P
2.4 V CW LASER DIODE DRIVER
IC-HT ICHAUS-IC-HT Datasheet
972Kb / 42P
DUAL CW LASER DIODE DRIVER
WKLSO8 ICHAUS-WKLSO8 Datasheet
236Kb / 8P
2.4 V CW LASER DIODE DRIVER
WKMSO8-TP ICHAUS-WKMSO8-TP Datasheet
247Kb / 9P
M-TYPE CW LASER DIODE DRIVER
WKMSOP8 ICHAUS-WKMSOP8 Datasheet
236Kb / 8P
2.4 V CW LASER DIODE DRIVER
WKNDFN10 ICHAUS-WKNDFN10 Datasheet
274Kb / 9P
15 V CW LASER DIODE DRIVER
IC-HTP ICHAUS-IC-HTP Datasheet
1Mb / 51P
DUAL CW P-TYPE LASER DIODE DRIVER
IC-HTG ICHAUS-IC-HTG Datasheet
1,003Kb / 40P
POWER CW LASER DIODE DRIVER
logo
Directed Energy, Inc.
PCO-6511 DEI-PCO-6511 Datasheet
588Kb / 2P
CW Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com