Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 13 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 13 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 9Page - IC-Haus GmbH IC-HT Datasheet HTML 10Page - IC-Haus GmbH IC-HT Datasheet HTML 11Page - IC-Haus GmbH IC-HT Datasheet HTML 12Page - IC-Haus GmbH IC-HT Datasheet HTML 13Page - IC-Haus GmbH IC-HT Datasheet HTML 14Page - IC-Haus GmbH IC-HT Datasheet HTML 15Page - IC-Haus GmbH IC-HT Datasheet HTML 16Page - IC-Haus GmbH IC-HT Datasheet HTML 17Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev B1, Page 13/45
IO DRIVERS
REGISTERS
REF2(9:8)
0x19
WATCHDOG
TIMER
OSCILLATOR
LASER
CONTROL
0.25V/0.5V
APC
ACC
0x06
ADC2(7:0)
ADCC1(2:0)
0x10
..10 nF..
VDD REGULATOR
LASER CHANNEL 1
0x30
0x3F
1μF
1μF
CFGTIMO
WATCHDOG
0x17
RMD2(7:0)
INTEGRITY
RAM
8 Bit
CHECK
0x14
ADC1(7:0)
LASER CHANNEL 2
DUAL CW LASER DIODE DRIVER
A
RM1
RM2
VB UNDERVOLTAGE
VDD UNDERVOLTAGE
OVC
PODO
OVT
MEMERR
0x10
0x03
ADC1(9:8)
0x04
0x05
ADC2(9:8)
D
0x02
TEMP(7:0)
0x11
ILIM1(7:0)
0x13
REF1(9:8)
PLR
REF1(7:0)
0x12
RMD1(7:0)
0x16
ILIM2(7:0)
0x18
0x1F
REF2(7:0)
SPI/I2C
SLAVE
RAM
10 Bit
A
D
8 Bit
0
255
R
..10 nF..
TEMPERATURE
MONITOR 8 Bit
CVDD
CVB
I LDK1
M
I LDK2
M
+
-
CI1
CI2
+
-
VDD
CIL1
MDA1
AGND1
LDK1
GND
VB
OVC
T.PAD
EC1
NSTBY
INS/WKR
MISO/SDA
SCLK/SCL
MOSI/A0
NCS/A1
EMC
EC2
DCO
CI1
LDK2
CI2
CIL2
AGND2
MDA2
MRL2
VB
Check
NCHK
MRL1
REF
GND
CI2
I LDK1
M
I LDK2
M
CVDD
CVB
CI1
Figure 5: iC-HT in iC-WK mode with M-type laser diode
In the configuration from figures 4 and 5 pin NSTBY is
connected to VB. This is required to force iC-HT leav-
ing standby mode and starting normal operation, as
the pin includes an internal pull-down resistor.
Laser channel enabling
Setting pins EC1, EC2 to hi enables the corresponding
channels. In order to ensure safe operation of iC-HT,
several events automatically disable both output chan-
nels:
• Pins INS/WKR or EMC left unconnected (IN-
SOPEN, EMCOPEN), iC-HT enters error mode
and the laser channels cannot be enabled.
• Supply power-down either at VB (PDOVB) or
VDD (PDOVDD), the laser channels are uncon-
ditionally disabled during the power down event.
• Overcurrent (OVC) or overtemperature (OVT),
laser channels are switched off.
Cycling pins
EC1, EC2 or a power-up is required to switch on
the laser again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com