Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 27 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 27 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 23Page - IC-Haus GmbH IC-HT Datasheet HTML 24Page - IC-Haus GmbH IC-HT Datasheet HTML 25Page - IC-Haus GmbH IC-HT Datasheet HTML 26Page - IC-Haus GmbH IC-HT Datasheet HTML 27Page - IC-Haus GmbH IC-HT Datasheet HTML 28Page - IC-Haus GmbH IC-HT Datasheet HTML 29Page - IC-Haus GmbH IC-HT Datasheet HTML 30Page - IC-Haus GmbH IC-HT Datasheet HTML 31Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev B1, Page 27/45
10 BIT LINEAR A/D CONVERTER
A 10 bit linear A/D converter is available for each chan-
nel when working in MCU mode. A variety of voltages
can be measured by the converter with two resolutions:
• V(LDKx) up to 8 V with 8.6 mV resolution
• V(VDD) up to 8 V with 8.6 mV resolution
• V(VB) up to 8 V with 8.6 mV resolution
• V(MDAx) up to 1 V with 1.075 mV resolution
• V(PLRx) up to 1 V with 1.075 mV resolution
Note that when the value to be converted is higher than
8 V the A/D converter is saturated at its highest conver-
sion value.
The register bits ADCCx select the signal measured
with the 10 bit A/D converter.
ADCC1(2:0)
Addr. 0x10; bit 7:5
R/W 000
0xx
Channel 1 ADC disabled
100
Channel 1 ADC sourced by V(MDA1), ADSNF1 = 0
100
Channel 1 ADC sourced by V(PLR1), ADSNF1 = 1
101
Channel 1 ADC sourced by V(VB)
110
Channel 1 ADC sourced by V(VDD)
111
Channel 1 ADC sourced by V(LDK1)
Table 54: ADC channel 1 source selection
ADCC2(2:0)
Addr. 0x15; bit 7:5
R/W 000
0xx
Channel 2 ADC disabled
100
Channel 2 ADC sourced by V(MDA2), ADSNF2 = 0
100
Channel 2 ADC sourced by V(PLR2), ADSNF2 = 1
101
Channel 2 ADC sourced by V(VB)
110
Channel 2 ADC sourced by V(VDD)
111
Channel 2 ADC sourced by V(LDK2)
Table 55: ADC channel 2 source selection
With ADCCx(2:0) = 100, the signal to the A/D con-
verter is selected by register bit ADSNFx (A/D con-
verter sense not force). With ADSNFx = 1 the mea-
suring point to the A/D converter is the internal sense
node of the internal programmable logarithmic monitor
resistor (PLR). With ADSNFx = 0 the sensing point is
connected directly to MDAx pin.
ADSNF1
Addr. 0x1A; bit 2
R/W 0
0
ADC measurement MDA1 pin (force)
1
ADC measurement PLR1 (sense)
Table 56: ADC channel 1 sense/force selection
ADSNF2
Addr. 0x1A; bit 6
R/W 0
0
ADC measurement MDA2 pin (force)
1
ADC measurement PLR2 (sense)
Table 57: ADC channel 2 sense/force selection
When enabled, the A/D converter is continuously ac-
quiring the signal selected by ADCCx register. The
conversion time, is 140 µs. Changing the source re-
quires 500 µs settling time.
In order to do a measurement, register ADCx must be
read. The converter does not provide an end of con-
version (EOC) bit. Instead, ADCx register contains al-
ways the value of the last conversion.
As the A/D converter is 10 bit long, the results are split
into two byte wide separated registers; ADCxh con-
tains channel x ADC MSBs values while ADCxl stores
the LSBs. A consecutive read action of both registers
(lower and upper part) should be carried out in order
to prevent an undesired change in the measured value
between two read actions.
ADC1
Addr. 0x03/04; bit 9:0
R
0x000
ADC minimum value
0x3FF
ADC maximum value
Table 58: ADC channel 1
ADC2
Addr. 0x05/06; bit 9:0
R
0x000
ADC minimum value
0x3FF
ADC maximum value
Table 59: ADC channel 2
The voltage corresponding to the measured digital
value can be directly obtained through the following
formula:
V (LDKx , VB, VDD) = 8 ∗ VFS
1023 ∗ ADCx
V (MDAx , PLRx ) = VFS
1023 ∗ ADCx
VFS is the fullscale voltage of the A/D converter (cf.
Electrical Characteristics No. 706) typical 1.1 V. For a
more precise measurement, the A/D converter can be
calibrated by measuring a known VB voltage and cal-
culate the VFS.
If ADSNFx = 0 the sensing point is connected directly
to MDAx pin. Depending on the regulation voltage, it
is possible that V(MDAx) is higher than 1.1 V. When
MDAx pin is the source of the A/D converter, satura-
tion of the converter will occur. When monitoring pin
MDAx with the A/D converter, V(MDAx) must be lower
than 1.1 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com