Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 29 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 29 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 25Page - IC-Haus GmbH IC-HT Datasheet HTML 26Page - IC-Haus GmbH IC-HT Datasheet HTML 27Page - IC-Haus GmbH IC-HT Datasheet HTML 28Page - IC-Haus GmbH IC-HT Datasheet HTML 29Page - IC-Haus GmbH IC-HT Datasheet HTML 30Page - IC-Haus GmbH IC-HT Datasheet HTML 31Page - IC-Haus GmbH IC-HT Datasheet HTML 32Page - IC-Haus GmbH IC-HT Datasheet HTML 33Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev B1, Page 29/45
The value in RDCO register needed in order to have
the desired output voltage can be calculated using the
following formula:
RDCO = Idco
2uA =
IR2−IR1
2uA
=
0.5
6.7k −
Vout−0.5
100k
2uA
The resulting value will vary slightly depending on the
tolerances of the selected resistors and DCO current.
The voltage is reduced from 8 V (RDCO = 0) to 2.5 V,
when RDCO = 27.
DC/DC step up operation: regulation at voltages
higher than power supply
A practical application of the present case is the con-
trol of blue lasers. This type of laser present a forward
voltage around 5 V, which demands an LDA voltage of
about 6 V. If the system is supplied with a 3 V LiPo bat-
tery, it is necessary to use a the DC/DC in order to step
up and drive the laser diode and driver with a sufficient
voltage. Figure 18 shows this application:
0.1μF
3x22μF
R1
R3
R2
100k
6.7k
1MEG
0x19
REF2(7:0)
0x17
RMD2(7:0)
INTEGRITY
OVT
0x04
ADC1(7:0)
0x10
0x1F
0x30
0x3F
0x16
LASER CHANNEL 2
VDD REGULATOR
TEMPERATURE
REF1(9:8)
RMD1(7:0)
0x02
255
0
MEMERR
0x03
ADC1(9:8)
0x10
10 Bit
D
8 Bit
A
IO DRIVERS
A
PLR1
D
REGISTERS
SPI/I2C
TEMP(7:0)
0x11
ILIM1(7:0)
0x05
ADC2(9:8)
0x06
ADC2(7:0)
LASER CHANNEL 1
D
OVC
10 Bit
APC
ACC
SLAVE
RAM
2x10μF
ILIM2(7:0)
CHECK
VB UNDERVOLTAGE
VDD UNDERVOLTAGE
RAM
PODO
0x13
MONITOR 8 Bit
A
8 Bit
0x18
REF2(9:8)
R
REF1(7:0)
0x12
1μF
ADCC1(2:0)
DUAL CW LASER DIODE DRIVER
0x14
CFGTIMO
WATCHDOG
WATCHDOG
TIMER
OSCILLATOR
LASER
CONTROL
TPS63060
1μF
+
-
N
CVB
CVDD
+
-
20μA
C2
C3
1μH
L1
C1
GND
3V
VB
VDD
VB
REF
ADSNF1
OVC1
DISP1
EMC
MDA1
MISO/SDA
SCLK/SCL
GND
PS/SYNC
VAUX
PG
VIN
L1
EN
FB
PGND
L2
VOUT
6V
LDK1
CIL1
AGND1
LDK2
CI2
AGND2
MDA2
CIL2
MRL2
MRL1
CI1
CI
ECIE1
DCO
GND
Check
NCHK
EC1
NSTBY
INS/WKR
MOSI/A0
NCS/A1
EC2
VDD
VB
LDK1
EMC
T.PAD
CVB
CVDD
N
20μA
L1
1μH
C1
C2
C3
Figure 18: Regulation at voltage greater than power supply
Setting register RDCO to 10 it delivers 20 µA and 6 V
are obtained at Vout.
Extension of system working voltage range
iC-HT must be supplied by a voltage within the thresh-
old values of 2.8 V and 8 V. It is possible to control the
DC/DC output in a voltage range of 2.5 V - 12 V if the
DC/DC converter, controlled by DCO output signal, is
included in the system, as it is shown in figure 19:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com