Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 22 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 22 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 18Page - IC-Haus GmbH IC-HT Datasheet HTML 19Page - IC-Haus GmbH IC-HT Datasheet HTML 20Page - IC-Haus GmbH IC-HT Datasheet HTML 21Page - IC-Haus GmbH IC-HT Datasheet HTML 22Page - IC-Haus GmbH IC-HT Datasheet HTML 23Page - IC-Haus GmbH IC-HT Datasheet HTML 24Page - IC-Haus GmbH IC-HT Datasheet HTML 25Page - IC-Haus GmbH IC-HT Datasheet HTML 26Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev B1, Page 22/45
nel 2 should be disabled by setting it to its maximum
value (0xFF). An overcurrent will only be detected on
channel 1.
ILIM1
Addr. 0x11; bit 7:0
R/W 0xFF
0x0A
Channel 1 overcurrent threshold: 80 mA,
MERGE=1
. . .
Channel 1 overcurrent threshold set to
Ilim = (2 ∗ ∆I(LDK ) · n), n from 10 to 255,
MERGE=1
0xFF
Channel 1 overcurrent threshold: 2040 mA,
MERGE=1
Table 45: Overcurrent threshold configuration channel
1 with MERGE = 1
It is possible to use a second photodiode connected
to channel 2 (e.g. as a safety supervisor). The ADC
on channel 2 can be used to monitor the voltage at pin
MDA2, as it is shown in figure 12.
ADC1(7:0)
0x05
ADC2(9:8)
0x06
ADC2(7:0)
1μF
CFGTIMO
WATCHDOG
WATCHDOG
TIMER
0x16
ILIM2(7:0)
0x18
0
255
OSCILLATOR
LASER
CONTROL
ACC
APC
PLR1
REF2(9:8)
0x19
REF2(7:0)
0x17
RMD2(7:0)
INTEGRITY
RAM
CHECK
VB UNDERVOLTAGE
VDD UNDERVOLTAGE
OVC
PODO
OVT
MEMERR
10 Bit
A
D
0x10
0x03
ADC1(9:8)
0x04
VDD REGULATOR
LASER CHANNEL 1
LASER CHANNEL 2
DUAL CW LASER DIODE DRIVER
RM1
ADCC1(2:0)
0x10
0x1F
0x30
0x3F
1μF
IO DRIVERS
REGISTERS
SPI/I2C
SLAVE
RAM
10 Bit
A
D
8 Bit
A
D
0x02
TEMP(7:0)
0x11
ILIM1(7:0)
0x13
REF1(9:8)
0x14
REF1(7:0)
0x12
RMD1(7:0)
R
8 Bit
..10 nF..
TEMPERATURE
MONITOR 8 Bit
+
-
CVB
CVDD
+
-
N
I LDK
CI1
INS/WKR
NSTBY
EC1
VB
VDD
LDK1
GND
T.PAD
EACC1
ADSNF1
OVC1
DISP1
EMC
CI
AGND1
CI
LDK1
VB
CIL1
VDD
GND
REF
MRL1
NCHK
Check
VB
MRL2
MDA2
AGND2
CIL2
CI2
LDK2
MDA1
CI1
ECIE1
DCO
EC2
EMC
NCS/A1
MOSI/A0
SCLK/SCL
MISO/SDA
CVDD
CVB
N
I LDK
CI1
Figure 12: Additional photodiode in combined configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com