Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 28 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 28 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 24Page - IC-Haus GmbH IC-HT Datasheet HTML 25Page - IC-Haus GmbH IC-HT Datasheet HTML 26Page - IC-Haus GmbH IC-HT Datasheet HTML 27Page - IC-Haus GmbH IC-HT Datasheet HTML 28Page - IC-Haus GmbH IC-HT Datasheet HTML 29Page - IC-Haus GmbH IC-HT Datasheet HTML 30Page - IC-Haus GmbH IC-HT Datasheet HTML 31Page - IC-Haus GmbH IC-HT Datasheet HTML 32Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev B1, Page 28/45
DC/DC CONVERTER OPTIMIZATION
iC-HT provides a 6 bit configurable current at pin DCO
that can be used to trim the output voltage of a DC/DC
converter.
Possible application benefits with using DCO:
• DC/DC step down operation: regulation at voltages
lower than power supply
• DC/DC step up operation: regulation at voltages
higher than power supply
• Efficiency enhancement
RDCO
Addr. 0x1B; bit 5:0
R/W 0x02
0x00
No current
. . .
0x3F
130 µA typ (cf. Electrical Characteristics No. D01)
Table 60: Digital current output register
The proposed applications can be demonstrated with
a standard DC/DC converter e.g. TPS63060DSC from
Texas Instruments. This converter allows an input volt-
age ranging from 2.5 V to 12 V and offers an output
voltages from 2.5 V to 8 V. It is capable of delivering up
to 2 A current, depending on the output voltage. Figure
17 shows a possible configuration.
R1
R2
TPS63060
2x10μF
0.1μF
3x22μF
R3
1MEG
C1
C3
C2
L1
VIN
EN
VAUX
PS/SYNC
GND
L2
VOUT
FB
PG
PGND
2.5...12V
Vin
Vout
1μH
L1
L1
1μH
C1
C3
C2
1MEG
R3
Figure 17: TPS63063 DC/DC converter from TI
DC/DC step down operation:
regulation at voltages lower than power supply
The resistors R1 and R2 in the feedback path allow
setting the desired output value Vout. The DC/DC con-
verter drives Vout pin in order to yield 0.5 V at feed-
back pin FB. The DCO output signal from iC-HT is
connected to FB pin. The Vout is controlled with the
internal register RDCO from iC-HT.
The DCO current into FB node controls the voltages
of the divider R1 and R2 and Vout changes in order to
maintain 0.5 V at FB pin. Selecting R1 and R2 needs
to consider:
• Resistors values:
R1 = R2( Vout
Vfb − 1)
• Current of the voltage divider should be high enough,
in comparism to the current from the pin DCO, to of-
fer acceptable resolution. The programmable current
resolution from register RDCO is 2 µA.
• DCO current into the voltage divider will lower Vout
voltage, Vout is 8 V when no current is present at
DCO.
Choosing R1 to 100 kΩ, the value of R2 can be calcu-
lated:
R2 =
R1
Vout
Vfb −1
= 100k
8
0.5 −1
= 6.7kΩ
With this configuration the current through the voltage
divider is 75 µA at 8 V . The resolution of each RDCO
step is then 200 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com