Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 20 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 20 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 16Page - IC-Haus GmbH IC-HT Datasheet HTML 17Page - IC-Haus GmbH IC-HT Datasheet HTML 18Page - IC-Haus GmbH IC-HT Datasheet HTML 19Page - IC-Haus GmbH IC-HT Datasheet HTML 20Page - IC-Haus GmbH IC-HT Datasheet HTML 21Page - IC-Haus GmbH IC-HT Datasheet HTML 22Page - IC-Haus GmbH IC-HT Datasheet HTML 23Page - IC-Haus GmbH IC-HT Datasheet HTML 24Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev B1, Page 20/45
Register
Address
Bits
Default
Description
INITRAM
0x00
0
R/O
RAM initialized.
PDOVDD
0x00
1
R/O
Power down event at VDD
MEMERR
0x00
2
R/O
RAM memory validation error
OVT
0x00
3
R/O
Overtemperature event
OVC2
0x00
4
R/O
Overcurrent at channel 2
OVC1
0x00
5
R/O
Overcurrent at channel 1
OSCERR
0x00
6
R/O
Oscillator error (watchdog set)
CFGTIMO
0x00
7
R/O
Configuration mode timeout event
MAPC1
0x01
0
R/O
Channel 1 current state (on or off)
MONC1
0x01
1
R/O
Monitor channel 1 enabled at least once (latched)
LDKSAT1
0x01
2
R/O
Channel 1 LDK saturation event
MAPC2
0x01
4
R/O
Channel 2 current state (on or off)
MONC2
0x01
5
R/O
Monitor channel 2 enabled at least once (latched)
LDKSAT2
0x01
6
R/O
Channel 2 LDK saturation event
Table 42: Status registers overview
In order to enable the channels, the error events must
be acknowledged. Acknowledging an error is accom-
plished by reading the STATUS register. After a power-
on PDVDD and INITRAM errors will be set, therefore
it is required to read STATUS0 and STATUS1 registers
after each power-on.
Exiting standby mode will not reset the RAM but will
set the PDOVDD status bit. Therefore STATUS0 must
be read once after each standby to re-enable the laser
channels.
In case of an overcurrent (OVC) or an overtemperature
(OVT) event, laser channels are disabled.
A memory error event and a configuration timeout er-
ror event will also disable the laser channels. More
information about the memory error on page 34. The
conditions to enable each laser channel are shown in
figure 10.
2
7
5
6
1
4
STATUS0 (Addr. 0x00)
0
PDOVDD
MEMERR
(Addr. 0x10 )
1
Pin
OVC2
CFGTIMO
(Addr. 0x15 )
Pin
3
INITRAM
OVT
OVC1
1
1
&
DISC2
INSOPEN
EMCOPEN
EC2
MAPC1
DISC1
EC1
MAPC2
&
1
&
1
1
1
&
1
Figure 10: Laser control logic in MCU mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com