Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 30 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 30 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 26Page - IC-Haus GmbH IC-HT Datasheet HTML 27Page - IC-Haus GmbH IC-HT Datasheet HTML 28Page - IC-Haus GmbH IC-HT Datasheet HTML 29Page - IC-Haus GmbH IC-HT Datasheet HTML 30Page - IC-Haus GmbH IC-HT Datasheet HTML 31Page - IC-Haus GmbH IC-HT Datasheet HTML 32Page - IC-Haus GmbH IC-HT Datasheet HTML 33Page - IC-Haus GmbH IC-HT Datasheet HTML 34Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev B1, Page 30/45
VB UNDERVOLTAGE
VDD UNDERVOLTAGE
RAM
PODO
0x13
MONITOR 8 Bit
A
8 Bit
0x18
REF2(9:8)
R
REF1(7:0)
0x12
1μF
ADCC1(2:0)
DUAL CW LASER DIODE DRIVER
0x14
CFGTIMO
WATCHDOG
WATCHDOG
TIMER
OSCILLATOR
LASER
CONTROL
TPS63060
1μF
0
0x03
ADC1(9:8)
0x10
10 Bit
D
8 Bit
A
IO DRIVERS
A
PLR1
D
REGISTERS
SPI/I2C
TEMP(7:0)
0x11
ILIM1(7:0)
0x05
ADC2(9:8)
0x06
ADC2(7:0)
LASER CHANNEL 1
D
OVC
10 Bit
APC
ACC
SLAVE
RAM
2x10μF
ILIM2(7:0)
0.1μF
CHECK
3x22μF
R1
R3
R2
100k
6.7k
1MEG
0x19
REF2(7:0)
0x17
RMD2(7:0)
INTEGRITY
OVT
0x04
ADC1(7:0)
0x10
0x1F
0x30
0x3F
0x16
LASER CHANNEL 2
VDD REGULATOR
TEMPERATURE
REF1(9:8)
RMD1(7:0)
0x02
255
MEMERR
C3
L1
1μH
C1
C2
+
-
48μA
+
-
N
CVB
CVDD
GND
VB
2.5V
3.3V
VDD
VB
REF
ADSNF1
OVC1
DISP1
EMC
MDA1
MISO/SDA
SCLK/SCL
GND
PS/SYNC
VAUX
PG
VIN
L1
EN
FB
PGND
L2
VOUT
LDK1
CIL1
AGND1
LDK2
CI2
AGND2
MDA2
CIL2
MRL2
MRL1
CI1
CI
ECIE1
DCO
GND
Check
NCHK
EC1
NSTBY
INS/WKR
MOSI/A0
NCS/A1
EC2
VDD
VB
LDK1
EMC
T.PAD
1μH
L1
C1
C2
C3
48μA
CVB
CVDD
N
Figure 19: Extension of working voltage range
In the figure 19 both the laser and the iC-HT are sup-
plied by output voltage Vout from DC/DC converter.
The register RDCO is set to 23, which forces 48 µA
to be output to the voltage divider. A system voltage of
3.3 V is obtained at Vout.
Efficiency enhancement
If iC-HT and the laser diode are supplied with the same
power supply, the efficiency of the driver can be poor,
depending on the supplied voltage, the saturation volt-
age and the laser diodes forward voltage. Power dis-
sipation of the driver can be reduced if LDAx is fed
through the DC/DC converter configured to deliver a
lower voltage than the power supply as shown in fig-
ure 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com