Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 17 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 17 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 13Page - IC-Haus GmbH IC-HT Datasheet HTML 14Page - IC-Haus GmbH IC-HT Datasheet HTML 15Page - IC-Haus GmbH IC-HT Datasheet HTML 16Page - IC-Haus GmbH IC-HT Datasheet HTML 17Page - IC-Haus GmbH IC-HT Datasheet HTML 18Page - IC-Haus GmbH IC-HT Datasheet HTML 19Page - IC-Haus GmbH IC-HT Datasheet HTML 20Page - IC-Haus GmbH IC-HT Datasheet HTML 21Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev B1, Page 17/45
ACC (Automatic Current Control) mode
In this mode, the laser diode current is controlled and
no monitor diode is required. ACC mode is selected
setting EACCx register bit to 1.
EACC1
Addr. 0x10; bit 0
R/W 0
0
APC mode enabled for channel 1
1
ACC mode enabled for channel 1
Table 22: APC/ACC in channel 1
EACC2
Addr. 0x15; bit 0
R/W 0
0
APC mode enabled for channel 2
1
ACC mode enabled for channel 2
Table 23: APC/ACC in channel 2
In ACC mode the internal programmable logarithmic
monitor resistor (PLR) is not used. Instead the inter-
nal RACCx resistor is used to set the current. For
fine-tuning the regulated current, the reference volt-
age can be set with a 10 bit logarithmic D/A converter,
which is configurable through the register REFx. This
converter has a voltage range that goes typically from
0.1 V to 1.1 V, allowing an operation resolution of typi-
cally 0.235%. More information on the logarithmic D/A
converter can be found on page 26. Figure 8 shows an
example of this configuration.
Two different current ranges can be set through reg-
ister bit RACCx, with RACCx = 1 for up to 75 mA and
with RACCx = 0 for up to 650 mA. The programmable
overcurrent shutdown protects against over regula-
tions during the laser power-on. Table 44 shows some
typical current settings. For detailed limits, please refer
to Electrical Characteristics No. 114
ACC typical current settings
REFx
RACCx=0 RACCx=1
0x000
77.0 mA
9.06 mA
0x001
77.2 mA
9.08 mA
0x010
77.4 mA
9.10 mA
...
...
...
0x200
256.2 mA
30.14 mA
0x201
256.8 mA
30.21 mA
0x202
257.4 mA
30.28 mA
...
...
...
0x3FD
846.0 mA
99.53 mA
0x3FE
848.0 mA
99.77 mA
0x3FF
850.0 mA
100 mA
Table 24: ACC typical current settings
ACC
APC
RACC
PLR1
..10 nF..
0
255
R
8 Bit
LASER CHANNEL 1
10 Bit
A
D
8 Bit
A
D
10 Bit
A
D
+
-
I LDK
CI1
MRL1
MDA1
AGND1
CIL1
CI1
LDK1
DCO
ECIE1
VB
VDD
LDK1
ADSNF1
OVC
DISP1
EMC
I LDK
CI1
Figure 8: ACC mode simplified
RACC1
Addr. 0x1A; bit 0
R/W 0
0
Current range high for channel 1
1
Current range low for channel 1
Table 25: RACC1 configuration
RACC2
Addr. 0x1A; bit 4
R/W 0
0
Current range high for channel 2
1
Current range low for channel 2
Table 26: RACC2 configuration
In each range, the particular overcurrent threshold
value can be set in register ILIMx. The regulator does
differ the two current ranges in ACC.
ILIM1
Addr. 0x11; bit 7:0
R/W 0xFF
0x0A
Channel 1 overcurrent threshold set to minimum
current
. . .
Channel 1 overcurrent threshold set to
Ilim = (∆I(LDK ) · n), n from 10 to 255
0xFF
Channel 1 overcurrent threshold set to maximum
current
Table 27: Overcurrent threshold configuration channel
1
ILIM2
Addr. 0x16; bit 7:0
R/W 0xFF
0x0A
Channel 2 overcurrent threshold set to minimum
current
. . .
Channel 2 overcurrent threshold set to
Ilim = (∆I(LDK ) · n), n from 10 to 255
0xFF
Channel 2 overcurrent threshold set to maximum
current
Table 28: Overcurrent threshold configuration channel
2
An overcurrent event can be simulated using bit
SOVCx. If SOVCx = 1, the corresponding overcurrent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com