Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 25 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 25 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 21Page - IC-Haus GmbH IC-HT Datasheet HTML 22Page - IC-Haus GmbH IC-HT Datasheet HTML 23Page - IC-Haus GmbH IC-HT Datasheet HTML 24Page - IC-Haus GmbH IC-HT Datasheet HTML 25Page - IC-Haus GmbH IC-HT Datasheet HTML 26Page - IC-Haus GmbH IC-HT Datasheet HTML 27Page - IC-Haus GmbH IC-HT Datasheet HTML 28Page - IC-Haus GmbH IC-HT Datasheet HTML 29Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev B1, Page 25/45
8 BIT INTERNAL PROGRAMMABLE LOGARITHMIC MONITOR RESISTORS
In MCU mode internal 8 bit programmable logarithmic
monitor resistors (PLRx) are provided for APC.
The resistor value can be selected from 256 values,
ranging from 100 Ω to 500 kΩ, following logarithmic in-
crements with a typical step width of 3.3%. The resis-
tors are configured with registers RMDx(7:0).
RMD1
Addr. 0x12; bit 7:0
R/W 0xFF
0x00
PLR1 set to the minimum resistance
. . .
PLR1 set to
Rmd = Rmd0(1 +
∆
Rmd (%)
100
)n+1, n from 0 to 255
0xFF
PLR1 resistor set to the maximum resistance
Table 48: MDA resistor channel 1
RMD2
Addr. 0x17; bit 7:0
R/W 0xFF
0x00
PLR2 resistor set to the minimum resistance
. . .
PLR2 set to
Rmd = Rmd0(1 +
∆
Rmd (%)
100
)n+1, n from 0 to 255
0xFF
PLR2 resistor set to the maximum resistance
Table 49: MDA resistor channel 2
The following formula calculates the register RMDx in
order to set the desired resistor value:
Rmd = Rmd0(1 +
∆
Rmd (%)
100
)n+1, n from 0 to 255
Where Rmd0 is the minimum resistor value (typically
100 Ω), ∆ Rmd (%) is the step between two consecu-
tive resistor values (typically 3.3%) and n is the value
of RMDx register in decimal.
In APC mode the regulation node is the internal con-
nection to PLR, it is not MDAx pin. Voltage present at
pin MDAx may differ from the internal regulation node.
This regulation node can be sensed through the 10 bit
A/D converter and read at register ADCx. Register bit
ADSNFx must be set to 1 for this purpose. If ADSNFx
is set to 0, MDAx pin will be the input of the A/D con-
verter.
At pin MDAx only the 4 MSB of the RMDx configu-
ration from PLRx are measurable. The 8 bits of the
PLRx configuration RMDx can be measured with the
A/D converter setting ADSNFx to 1.
The PLRx can be disabled using register bit DISPx.
With DISPx = 0 the PLRx is enabled and DISPx = 1
disables the PLRx.
DISP1
Addr. 0x10; bit 2
R/W 0
0
PLR enabled for channel 1
1
PLR disabled for channel 1
Table 50: Disable PLR channel 1
DISP2
Addr. 0x15; bit 2
R/W 0
0
PLR enabled for channel 2
1
PLR disabled for channel 2
Table 51: Disable PLR channel 2
R
8 Bit
LASER CHANNEL 1
10 Bit
A
D
8 Bit
A
D
10 Bit
PLR1
APC
..10 nF..
A
D
N
I LDK
+
-
0
255
CI1
MRL1
MDA1
CIL1
CI1
LDK1
DCO
ECIE1
VB
VDD
LDK1
ADSNF1
DISP1
EMC
AGND1
N
I LDK
CI1
Figure 15: PLR in APC
In ACC mode the PLR is not used in the control cir-
cuit. Instead, the internal RACCx resistor is used in
the control loop.
Even though the PLR is not in the control circuit, it
can be enabled (DISPx = 0) in order to give feedback
through the 10 bit A/D converter for the controlling light
power if a monitor diode is connected.
Register bit ADSNF is set to 1 to measure the internal
sense node. Alternatively, an external monitor resistor
can be used to measure the optical power, by setting
DISPx to 1. Then register bit ADSNF must be set to 0
in order to measure directly at pin MDAx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com