Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 16 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 16 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 12Page - IC-Haus GmbH IC-HT Datasheet HTML 13Page - IC-Haus GmbH IC-HT Datasheet HTML 14Page - IC-Haus GmbH IC-HT Datasheet HTML 15Page - IC-Haus GmbH IC-HT Datasheet HTML 16Page - IC-Haus GmbH IC-HT Datasheet HTML 17Page - IC-Haus GmbH IC-HT Datasheet HTML 18Page - IC-Haus GmbH IC-HT Datasheet HTML 19Page - IC-Haus GmbH IC-HT Datasheet HTML 20Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev B1, Page 16/45
Imon(min) =
Vref (0x 000,max )
Rmda(RMDx =0xFF ,min) =
0.11
350000 = 0.31 uA
It is not recommended to configure iC-HT to have such
small Imon values, otherwise the leakage current at
MDAx may have an influence (cf. Electrical Charac-
teristics No. 204), especially at high temperatures. To
avoid this, Imon should be much greater than the leak-
age current.
For
calculating
the
maximum
value
of
Imon,
Vref(0x3FF, min value) (cf.
Electrical Characteris-
tics No. 303) and Rmda(RMDx = 0x00, max vaule)
(cf.
Electrical Characteristics No.
201) are used.
The following formula can to be used for calculating
Rmda(RMDx = 0x00, max value):
Rmd = Rmd0(1 +
∆
Rmd (%)
100
)n+1, n from 0 to 255
Rmda(RMDx = 0x 00, max ) = Rmd0(1 +
∆
Rmd (%)
100
)16
286 = Rmd0(1 +
3.3
100 )
16
Rmd0 = 170Ω
Therefore:
Imon(max ) =
Vref (0x 3FF ,min)
Rmd0
= 1.00
170
= 5.88 mA
Any other Imon value can be calculated using Rmd for-
mula above. Due to its logarithmic characteristic, the
steps between two consecutive values is kept within
3.3 % typical value.
The programmable overcurrent shutdown can be set
to protect the laser by disabling the channel.
The
overcurrent threshold is configurable in two different
ranges.
The range is selected through register bit
RACCx. If RACCx = 1, the overcurrent threshold is in
the low range, up to 90 mA. If RACCx = 0, the overcur-
rent threshold is in the high range, up to 750 mA (cf.
Electrical Characteristics No. 107 ).
RACC1
Addr. 0x1A; bit 0
R/W 0
0
Current range high for channel 1
1
Current range low for channel 1
Table 16: RACC1 current range configuration channel
1
RACC2
Addr. 0x1A; bit 4
R/W 0
0
Current range high for channel 2
1
Current range low for channel 2
Table 17: RACC2 current range configuration channel
2
In each range, the particular overcurrent threshold
value can be set in register ILIMx. The regulator does
not differ the two current ranges in APC.
ILIM1
Addr. 0x11; bit 7:0
R/W 0xFF
0x0A
Channel 1 overcurrent threshold set to minimum
current
. . .
Channel 1 overcurrent threshold set to
Ilim = (∆I(LDK ) · n), n from 10 to 255
0xFF
Channel 1 overcurrent threshold set to maximum
current
Table 18: Overcurrent threshold configuration channel
1
ILIM2
Addr. 0x16; bit 7:0
R/W 0xFF
0x0A
Channel 2 overcurrent threshold set to minimum
current
. . .
Channel 2 overcurrent threshold set to
Ilim = (∆I(LDK ) · n), n from 10 to 255
0xFF
Channel 2 overcurrent threshold set to maximum
current
Table 19: Overcurrent threshold configuration channel
2
An overcurrent event can be simulated using SOVCx.
If SOVCx = 1, the corresponding overcurrent error bit
OVCx will be set to 1, the error will be signaled at
NCHK and the corresponding laser channel will be dis-
abled. The overcurrent error will remain forced until
SOVCx = 0.
SOVC1
Addr. 0x1D; bit 5
R/W 0
0
No Overcurrent event at channel 1 is simulated.
1
Overcurrent event at channel 1 simulated.
Table 20: Simulate overcurrent channel 1
SOVC2
Addr. 0x1D; bit 6
R/W 0
0
No overcurrent event at channel 2 is simulated.
1
Overcurrent event at channel 2 simulated.
Table 21: Simulate overcurrent channel 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com