Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 32 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 32 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 28Page - IC-Haus GmbH IC-HT Datasheet HTML 29Page - IC-Haus GmbH IC-HT Datasheet HTML 30Page - IC-Haus GmbH IC-HT Datasheet HTML 31Page - IC-Haus GmbH IC-HT Datasheet HTML 32Page - IC-Haus GmbH IC-HT Datasheet HTML 33Page - IC-Haus GmbH IC-HT Datasheet HTML 34Page - IC-Haus GmbH IC-HT Datasheet HTML 35Page - IC-Haus GmbH IC-HT Datasheet HTML 36Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev B1, Page 32/45
WATCHDOG TIMER
The internal 200 kHz oscillator is monitored with the
Watchdog Timer (WDT).
If the oscillator remains longer than the maximum time
of tWDT (cf. Electrical Characteristics No. E03) with-
out activity an oscillator error is triggered. An oscillator
error sets OSCERR error bit to 1. The automatic offset
compensation of the laser control requires the oscilla-
tor.
The state of OSCERR is signaled at pin NCHK. The
signaling of OSCERR state can be masked with bit
MOSCERR. Setting MOSCERR to 1 masks the oscil-
lator error and OSCERR will not be signaled at NCHK.
It is possible to simulate an error of the oscillator us-
ing SOSCERR bit. If SOSCERR = 1, the oscillator er-
ror is forced. When OSCERR is set to 1 the error will
be signaled through NCHK, depending on the state of
MOSCERR.
OSCERR
Addr. 0x00; bit 6
R
0
Oscillator operates OK
1
Watchdog timeout set, oscillator fail. Cleared on
read
Table 61: Oscillator error
MOSCERR
Addr. 0x1D; bit 0
R/W 0
0
Oscillator error (watchdog) will be signaled at
NCHK
1
Oscillator error (watchdog) will not be signaled at
NCHK
Table 62: Oscillator error mask
SOSCERR
Addr. 0x1D; bit 7
R/W 0
0
No oscillator error simulated.
1
Oscillator error simulated (watchdog timeout).
Table 63: Simulate oscillator error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com