Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 33 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 33 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 29Page - IC-Haus GmbH IC-HT Datasheet HTML 30Page - IC-Haus GmbH IC-HT Datasheet HTML 31Page - IC-Haus GmbH IC-HT Datasheet HTML 32Page - IC-Haus GmbH IC-HT Datasheet HTML 33Page - IC-Haus GmbH IC-HT Datasheet HTML 34Page - IC-Haus GmbH IC-HT Datasheet HTML 35Page - IC-Haus GmbH IC-HT Datasheet HTML 36Page - IC-Haus GmbH IC-HT Datasheet HTML 37Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev B1, Page 33/45
TEMPERATURE MONITOR AND PROTECTION
iC-HT includes an 8 bit temperature monitor that al-
lows to measure the internal chip temperature going
from -40 °C to 125 °C. The resolution is 1 °C/LSB. The
internal temperature can be obtained by reading TEMP
register. The TEMP register is a read-only register.
TEMP
Addr. 0x02; bit 7:0
R
0x00
Minimum temperature
. . .
0xFF
Maximum temperature
Table 64: Chip temperature
Absolute read values may differ from one chip to an-
other. An individual initial calibration of the temper-
ature monitor is recommended. The TEMP register
must be read at a known temperature. Using the reso-
lution value of 1 °C/LSB, the internal temperature can
be calculated.
The temperature monitor can be used to compensate
temperature effects on the laser diode. The microcon-
troller can use a laser diode characteristic formula or
a look-up table combined with the temperature value
measured through TEMP register. The reference volt-
age can be configured accordingly in order to compen-
sate temperature effects.
iC-HT is protected against overtemperature.
In iC-
WK mode, if the internal temperature value exceeds
the overtemperature threshold an OVT error event will
be triggered and signaled through pin NCHK. Both
laser channels will be disabled. Pin NCHK will keep
signaling the error although the internal temperature
goes down to a safe value below the overtemperature
threshold value. If the temperature has exceeded the
overtemperature threshold value, pins EC1 and EC2
have to be pulled lo in order to stop signaling the error.
Setting pin ECx back hi will re-enable the correspond-
ing channel.
In microcontroller mode, if the internal temperature
exceeds a safety value an overtemperature error bit
(OVT) will be set to 1. If OVT = 1, both channels will be
disabled and the error event will be signaled through
NCHK pin. If the internal temperature goes down to a
safe value below the overtemperature threshold value,
OVT will remain at value 1. Reading the OVT bit stop
signaling error through pin NCHK. Reading OVT bit will
set it back to 0. Setting ECx pin lo and then back hi will
allow re-enabling the corresponding channel.
The overtemperature threshold value can not be con-
figured.
OVT
Addr. 0x00; bit 3
R
0
No overtemperature event has occurred since last
read
1
Overtemperature event has occurred. Cleared on
read
Table 65: Overtemperature detection
In microcontroller mode it is possible to simulate an
overtemperature event using SOVT bit. Setting SOVT
to 1, the overtemperature error flag OVT will be set to
1. iC-HT will remain in error state until SOVT is set
back to 0.
SOVT
Addr. 0x1D; bit 4
R/W 0
0
No overtemperature event is simulated.
1
Overtemperature event simulated.
Table 66: Simulate overtemperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com