Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 44 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 44 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 37Page - IC-Haus GmbH IC-HT Datasheet HTML 38Page - IC-Haus GmbH IC-HT Datasheet HTML 39Page - IC-Haus GmbH IC-HT Datasheet HTML 40Page - IC-Haus GmbH IC-HT Datasheet HTML 41Page - IC-Haus GmbH IC-HT Datasheet HTML 42Page - IC-Haus GmbH IC-HT Datasheet HTML 43Page - IC-Haus GmbH IC-HT Datasheet HTML 44Page - IC-Haus GmbH IC-HT Datasheet HTML 45Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev B1, Page 44/45
REVISION HISTORY
Rel
Rel.Date
Chapter
Modification
Page
A1
13-02-22
Initial Release.
Rel
Rel.Date
Chapter
Modification
Page
B1
15-02-09
ELECTRICAL CHARACTERISTICS Item 001: VB max updated from 8 V to 11 V.
6
ELECTRICAL CHARACTERISTICS Item 107: Laser overcurrent shutdown threshold updated from 93mA to 80mA
6
ELECTRICAL CHARACTERISTICS Item 108: Shutdown threshold resolution updated from 3 mA to 5 mA
Item 108: Shutdown threshold resolution updated from 0.3 mA to 0.5 mA
6
ELECTRICAL CHARACTERISTICS Item 114: LDKx ACC mode current updated from 60 mA to 50 mA
Item 114: LDKx ACC mode current updated from 750 mA to 650 mA
Item 114: LDKx ACC mode current updated typical from 905 mA to 750 mA
7
ELECTRICAL CHARACTERISTICS Item 115: added TK -1500 ppm/K min, -500 ppm/K typ., 0 ppm/K max
7
ELECTRICAL CHARACTERISTICS Item 302: Percentual voltage increments updated from 0.05% to 0.1%
7
ELECTRICAL CHARACTERISTICS Item 403: Leakage Current at NCHK updated from ±10 to ±1
7
ELECTRICAL CHARACTERISTICS Item 602: Input Threshold Voltage at 2.8 V updated from 0.7 V to 0.6 V
7
ELECTRICAL CHARACTERISTICS Item B02: Overtemperature Release updated from 160 °C to 165 °C
8
OPERATING AND STANDBY
MODES
EMC and INS open pin description updated
Web link to iC-WK iC-WKL updated
10
MICROCONTROLLER MODE
MAPCx description updated
Figure 10 updated with more details
20
COMBINING BOTH CHANNELS
ILIM1 and REF1 tables added
22
SERIAL COMMUNICATION
INTERFACES
Figure 14: I
2 C frames updated
24
PARAMETERS
Table 81: MAPC1 description updated
Table 84: MAPC2 description updated
40
PARAMETERS
Table 114: RACC2 updated
42
PARAMETERS
Table 120: MMONC description updated
43
iC-Haus expressly reserves the right to change its products and/or specifications. An info letter gives details as to any amendments and additions made to the
relevant current specifications on our internet website www.ichaus.com/infoletter; this letter is generated automatically and shall be sent to registered users by
email.
Copying – even as an excerpt – is only permitted with iC-Haus’ approval in writing and precise reference to source.
iC-Haus does not warrant the accuracy, completeness or timeliness of the specification and does not assume liability for any errors or omissions in these
materials.
The data specified is intended solely for the purpose of product description. No representations or warranties, either express or implied, of merchantability, fitness
for a particular purpose or of any other nature are made hereunder with respect to information/specification or the products to which information refers and no
guarantee with respect to compliance to the intended use is given. In particular, this also applies to the stated possible applications or areas of applications of
the product.
iC-Haus products are not designed for and must not be used in connection with any applications where the failure of such products would reasonably be expected
to result in significant personal injury or death (Safety-Critical Applications) without iC-Haus’ specific written consent. Safety-Critical Applications include, without
limitation, life support devices and systems. iC-Haus products are not designed nor intended for use in military or aerospace applications or environments or in
automotive applications unless specifically designated for such use by iC-Haus.
iC-Haus conveys no patent, copyright, mask work right or other trade mark right to this product. iC-Haus assumes no liability for any patent and/or other trade
mark rights of a third party resulting from processing or handling of the product and/or any other use of the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com