Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 19 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 19 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 15Page - IC-Haus GmbH IC-HT Datasheet HTML 16Page - IC-Haus GmbH IC-HT Datasheet HTML 17Page - IC-Haus GmbH IC-HT Datasheet HTML 18Page - IC-Haus GmbH IC-HT Datasheet HTML 19Page - IC-Haus GmbH IC-HT Datasheet HTML 20Page - IC-Haus GmbH IC-HT Datasheet HTML 21Page - IC-Haus GmbH IC-HT Datasheet HTML 22Page - IC-Haus GmbH IC-HT Datasheet HTML 23Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev B1, Page 19/45
EOC1
Addr. 0x10; bit 4
R/W 1
0
Channel 1 regulator offset compensation disabled
1
Channel 1 regulator offset compensation enabled
Table 35: Enable offset compensation channel 1
EOC2
Addr. 0x15; bit 4
R/W 1
0
Channel 2 regulator offset compensation disabled
1
Channel 2 regulator offset compensation enabled
Table 36: Enable offset compensation channel 2
An internal oscillator is used for the offset compensa-
tion. A watchdog timer (WDT) is included in order to
monitor proper function of the oscillator. If an error
is detected by the WDT, the laser channels are dis-
abled, OSCERR error bit is set in STATUS0 register
and the error event is signaled at pin NCHK. This error
signaling can be suppressed using the mask register
bit MOSCERR (set to 1).
MOSCERR
Addr. 0x1D; bit 0
R/W 0
0
Oscillator error (watchdog) will be signaled at
NCHK
1
Oscillator error (watchdog) will not be signaled at
NCHK
Table 37: Oscillator error mask
iC-HT monitors the saturation voltage of the regula-
tor´s output transistor at pin LDKx. The LDK satura-
tion threshold can be configured through register bits
RLDKSx.
RLDKS1
Addr. 0x13; bit 3:2
R/W 00
00
V(LDK1) < 0.5 V sets the LDKSAT1 alarm bit
01
V(LDK1) < 0.8 V sets the LDKSAT1 alarm bit
10
V(LDK1) < 1.0 V sets the LDKSAT1 alarm bit
11
V(LDK1) < 1.2 V sets the LDKSAT1 alarm bit
Table 38: LDK saturation threshold selection channel
1
RLDKS2
Addr. 0x18; bit 3:2
R/W 00
00
V(LDK2) < 0.5 V sets the LDKSAT2 alarm bit
01
V(LDK2) < 0.8 V sets the LDKSAT2 alarm bit
10
V(LDK2) < 1.0 V sets the LDKSAT2 alarm bit
11
V(LDK2) < 1.2 V sets the LDKSAT2 alarm bit
Table 39: LDK saturation threshold selection channel
2
If the LDKx voltage falls below the LDK saturation
threshold the LDKSATx error bit in STATUS1 register
will be set and it will be signaled through output pin
NCHK. Setting the mask register bit MLDKSATx to 1
suppresses the signaling at NCHK.
MLDKSAT1
Addr. 0x1D; bit 2
R/W 1
0
LDKSAT1 event will be signaled at NCHK
1
LDKSAT1 event will not be signaled at NCHK
Table 40: LDK saturation mask channel 1
MLDKSAT2
Addr. 0x1D; bit 3
R/W 1
0
LDKSAT2 event will be signaled at NCHK
1
LDKSAT2 event will not be signaled at NCHK
Table 41: LDK saturation mask channel 2
Laser channel enabling and error handling
With pin INS/WKR or EMC unconnected, a corre-
sponding error signal will be generated (INSOPEN,
EMCOPEN) and will disable the laser channels. Any
input interface could be enabled if EMC or INS pins
are open. Comunication with the chip might be possi-
ble but laser cannot be switched on. This situation is
only signaled at the MCU interruption pin NCHK, which
would remain low as long as any of the EMC or INS
pins are unconnected. MCU must monitor the status
of the NCHK pin to get all the status information of the
chip
Setting DISC1 and DISC2 to 1(default) disables the
corresponding channel.
The errors in STATUS0 and STATUS1 registers disable
the laser channels. Every change in the STATUS reg-
isters is signaled at pin NCHK, unless the error event
is masked by the corresponding error mask bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com