Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JF Datasheet(PDF) 11 Page - Intel Corporation

Part # 80960JF
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 11 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 7Page - Intel Corporation 80960JF Datasheet HTML 8Page - Intel Corporation 80960JF Datasheet HTML 9Page - Intel Corporation 80960JF Datasheet HTML 10Page - Intel Corporation 80960JF Datasheet HTML 11Page - Intel Corporation 80960JF Datasheet HTML 12Page - Intel Corporation 80960JF Datasheet HTML 13Page - Intel Corporation 80960JF Datasheet HTML 14Page - Intel Corporation 80960JF Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 78 page
background image
Advance Information Datasheet
11
80960JA/JF/JD/JT 3.3 V Microprocessor
2.5
Instruction Set Summary
The 80960Jx adds several new instructions to the i960 core architecture. The new instructions are:
• Conditional Move
• Conditional Add
• Conditional Subtract
• Byte Swap
• Halt
• Cache Control
• Interrupt Control
Table 1 identifies the instructions that the 80960Jx supports. Refer to the i960® Jx Microprocessor
Developer’s Manual (272483) for a detailed description of each instruction.
2.6
Faults and Debugging
The 80960Jx employs a comprehensive fault model. The processor responds to faults by making
implicit calls to a fault handling routine. Specific information collected for each fault allows the
fault handler to diagnose exceptions and recover appropriately.
The processor also has built-in debug capabilities. In software, the 80960Jx may be configured to
detect as many as seven different trace event types. Alternatively, mark and fmark instructions
can generate trace events explicitly in the instruction stream. Hardware breakpoint registers are
also available to trap on execution and data addresses.
2.7
Low Power Operation
Intel fabricates the 80960Jx using an advanced sub-micron manufacturing process. The processor’s
sub-micron topology provides the circuit density for optimal cache size and high operating speeds
while dissipating modest power. The processor also uses dynamic power management to turn off
clocks to unused circuits.
Users may program the 80960Jx to enter Halt mode for maximum power savings. In Halt mode,
the processor core stops completely while the integrated peripherals continue to function, reducing
overall power requirements up to 90 percent. Processor execution resumes from internally or
externally generated interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com