Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JF Datasheet(PDF) 43 Page - Intel Corporation

Part # 80960JF
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 43 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 39Page - Intel Corporation 80960JF Datasheet HTML 40Page - Intel Corporation 80960JF Datasheet HTML 41Page - Intel Corporation 80960JF Datasheet HTML 42Page - Intel Corporation 80960JF Datasheet HTML 43Page - Intel Corporation 80960JF Datasheet HTML 44Page - Intel Corporation 80960JF Datasheet HTML 45Page - Intel Corporation 80960JF Datasheet HTML 46Page - Intel Corporation 80960JF Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 78 page
background image
Advance Information Datasheet
43
80960JA/JF/JD/JT 3.3 V Microprocessor
ICC Active
(Thermal)
80960JT-100
80960JT-75
80960JD-66
80960JD-50
80960JD-40
80960JD-33
80960JA/JF-33
80960JA/JF-25
80960JA/JF-16
500
380
510
390
320
260
271
215
152
mA
(2,4)
(2,4)
(2,4)
(2,4)
(2,4)
(2,4)
(2,4)
(2,4)
(2,4)
ICC Test
(Power modes)
Reset mode
80960JT-100
80960JT-75
80960JD-66
80960JD-50
80960JD-40
80960JD-33
80960JA/JF-33
80960JA/JF-25
80960JA/JF-16
Halt mode
80960JT-100
80960JT-75
80960JD-66
80960JD-50
80960JD-40
80960JD-33
80960JA/JF-33
80960JA/JF-25
80960JA/JF-16
ONCE mode
450
400
475
425
345
300
250
200
150
50
40
50
40
34
34
31
26
21
10
mA
(5)
(5)
(5)
(5)
(5)
(5)
(5)
(5)
(5)
(5)
(5)
(5)
(5)
(5)
(5)
(5)
(5)
(5)
ICC5 Current on the
VCC5 Pin
80960JT-100
80960JT-75
80960JD-66
80960JD-50
80960JD-40
80960JD-33
80960JA/JF-33
80960JA/JF-25
80960JA/JF-16
200
µA
(6)
(6)
(6)
(6)
(6)
(6)
(6)
(6)
(6)
NOTES:
1. These pins have internal pullup devices. Typical leakage current is not tested.
2. Measured with device operating and outputs loaded to the test condition in Figure 10 “AC Test Load” on
page 47.
3. ICC Active (Power Supply) value is provided for selecting your system’s power supply. It is measured using
one of the worst case instruction mixes with VCC = 3.45 V. This parameter is characterized but not tested.
4. ICC Active (Thermal) value is provided for your system’s thermal management. Typical ICC is measured with
VCC =3.3 V and temperature = 25°C. This parameter is characterized but not tested.
5. ICC Test (Power modes) refers to the ICC values that are tested when the 80960JD is in Reset mode, Halt
mode or ONCE mode with VCC = 3.45 V.
6. ICC5 is tested at VCC = 3.3 V, VCC5 = 5.25 V.
Table 22.
80960Jx ICC Characteristics (Sheet 2 of 2)
Symbol
Parameter
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com