Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JF Datasheet(PDF) 34 Page - Intel Corporation

Part # 80960JF
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 34 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 30Page - Intel Corporation 80960JF Datasheet HTML 31Page - Intel Corporation 80960JF Datasheet HTML 32Page - Intel Corporation 80960JF Datasheet HTML 33Page - Intel Corporation 80960JF Datasheet HTML 34Page - Intel Corporation 80960JF Datasheet HTML 35Page - Intel Corporation 80960JF Datasheet HTML 36Page - Intel Corporation 80960JF Datasheet HTML 37Page - Intel Corporation 80960JF Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
80960JA/JF/JD/JT 3.3 V Microprocessor
34
Advance Information Datasheet
3.2
Package Thermal Specifications
The 80960Jx is specified for operation when TC (case temperature) is within the range of 0°C to
100°C for PGA, MPBGA and PQFP packages. An extended temperature device is also available in
a PQFP package with TC -40°C to 100°C. Case temperature may be measured in any environment
to determine whether the 80960Jx is within its specified operating range. The case temperature
should be measured at the center of the top surface, opposite the pins.
θ
CA is the thermal resistance from case to ambient. Use the following equation to calculate TA, the
maximum ambient temperature to conform to a particular case temperature:
TA = TC - P (θCA)
Junction temperature (TJ) is commonly used in reliability calculations. TJ can be calculated from
θ
JC (thermal resistance from junction to case) using the following equation:
TJ = TC + P (θJC)
Similarly, if TA is known, the corresponding case temperature (TC) can be calculated as follows:
TC = TA + P (θCA)
Compute P by multiplying ICC from Table 22 and VCC. Values for θJC and θCA are given in
Table 12 for the PGA package, Table 13 for the MPBGA package, and Table 14 for the PQFP
package. For high speed operation, the processor’s
θ
JA may be significantly reduced by adding a
heatsink and/or by increasing airflow.
Tables 15, 16, and 17 show the maximum ambient temperature (TA) permitted without exceeding
TC for the PGA, MPBGA, and PQFP packages. The values are based on typical ICC and VCC of
+3.3 V, with a TCASE of +100°C.
L13
NC
M10
XINT2
N7
TDO
P4
VCC
L14
RDYRCV
M11
XINT0
N8
NC
P5
WIDTH0
M1
DT/R
M12
TMS
N9
XINT4
P6
WIDTH1
M2
VCC
M13
TRST
N10
NC
P7
FAIL
M3
NC
M14
TCK
N11
XINT6
P8
NC
M4
NC
N1
W/R
N12
XINT1
P9
NC
M5
A3
N2
D/C
N13
XINT3
P10
NMI
M6
VCC
N3
NC
N14
HOLD
P11
XINT7
M7
ALE
N4
NC
P1
NC
P12
XINT5
M8
VCC5
N5
A2
P2
ADS
P13
VCC
M9
VCC
N6
VCC
P3
BLAST
P14
NC
Table 11.
196-Ball MPBGA Pinout — In Pin Order (Sheet 2 of 2)
Pin
Signal
Pin
Signal
Pin
Signal
Pin
Signal
NOTE: Do not connect any external logic to pins marked NC (no connect pins).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com