Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JF Datasheet(PDF) 27 Page - Intel Corporation

Part # 80960JF
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 27 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 23Page - Intel Corporation 80960JF Datasheet HTML 24Page - Intel Corporation 80960JF Datasheet HTML 25Page - Intel Corporation 80960JF Datasheet HTML 26Page - Intel Corporation 80960JF Datasheet HTML 27Page - Intel Corporation 80960JF Datasheet HTML 28Page - Intel Corporation 80960JF Datasheet HTML 29Page - Intel Corporation 80960JF Datasheet HTML 30Page - Intel Corporation 80960JF Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 78 page
background image
Advance Information Datasheet
27
80960JA/JF/JD/JT 3.3 V Microprocessor
Table 8.
132-Lead PQFP Pinout — In Signal Order
Signal
Pin
Signal
Pin
Signal
Pin
Signal
Pin
AD31
60
ALE
24
VCC (Core)
47
VSS (Core)
124
AD30
61
ADS
36
VCC (Core)
59
VSS (I/O)
10
AD29
62
A3
33
VCC (Core)
74
VSS (I/O)
27
AD28
63
A2
32
VCC (Core)
92
VSS (I/O)
40
AD27
66
BE3
55
VCC (Core)
113
VSS (I/O)
48
AD26
68
BE2
54
VCC (Core)
115
VSS (I/O)
56
AD25
69
BE1
53
VCC (Core)
123
VSS (I/O)
64
AD24
70
BE0
52
VCC (I/O)
9
VSS (I/O)
71
AD23
75
WIDTH/HLTD1
28
VCC (I/O)
26
VSS (I/O)
79
AD22
76
WIDTH/HLTD0
31
VCC (I/O)
41
VSS (I/O)
85
AD21
77
D/C
35
VCC (I/O)
49
VSS (I/O)
93
AD20
78
W/R
37
VCC (I/O)
57
VSS (I/O)
97
AD19
81
DT/R
42
VCC (I/O)
65
VSS (I/O)
106
AD18
82
DEN
43
VCC (I/O)
72
VSS (I/O)
112
AD17
83
BLAST
34
VCC (I/O)
80
VSS (I/O)
131
AD16
84
RDYRCV
132
VCC (I/O)
86
NC
18
AD15
87
LOCK/ONCE
50
VCC (I/O)
94
NC
19
AD14
88
HOLD
4
VCC (I/O)
98
NC
21
AD13
89
HOLDA
44
VCC (I/O)
105
NC
22
AD12
90
BSTAT
51
VCC (I/O)
111
NC
67
AD11
95
CLKIN
117
VCC (I/O)
129
NC
121
AD10
96
RESET
125
VCCPLL
119
NC
122
AD9
99
STEST
128
VCC5
20
NC
126
AD8
100
FAIL
23
VSS (CLK)
118
NC
127
AD7
101
TCK
2
VSS (Core)
17
XINT7
14
AD6
102
TDI
130
VSS (Core)
30
XINT6
13
AD5
103
TDO
25
VSS (Core)
38
XINT5
12
AD4
104
TRST
1
VSS (Core)
46
XINT4
11
AD3
107
TMS
3
VSS (Core)
58
XINT3
8
AD2
108
VCC (CLK)
120
VSS (Core)
73
XINT2
7
AD1
109
VCC (Core)
16
VSS (Core)
91
XINT1
6
AD0
110
VCC (Core)
29
VSS (Core)
114
XINT0
5
ALE
45
VCC (Core)
39
VSS (Core)
116
NMI
15
NOTE: Do not connect any external logic to pins marked NC (no connect pins).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com