Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JF Datasheet(PDF) 33 Page - Intel Corporation

Part # 80960JF
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 33 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 29Page - Intel Corporation 80960JF Datasheet HTML 30Page - Intel Corporation 80960JF Datasheet HTML 31Page - Intel Corporation 80960JF Datasheet HTML 32Page - Intel Corporation 80960JF Datasheet HTML 33Page - Intel Corporation 80960JF Datasheet HTML 34Page - Intel Corporation 80960JF Datasheet HTML 35Page - Intel Corporation 80960JF Datasheet HTML 36Page - Intel Corporation 80960JF Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 78 page
background image
Advance Information Datasheet
33
80960JA/JF/JD/JT 3.3 V Microprocessor
Table 11.
196-Ball MPBGA Pinout — In Pin Order (Sheet 1 of 2)
Pin
Signal
Pin
Signal
Pin
Signal
Pin
Signal
A1
NC
C11
VCC
F7
VSS
J3
BSTAT
A2
AD28
C12
AD11
F8
VSS
J4
VSS
A3
VCC
C13
AD6
F9
VSS
J5
VSS
A4
NC
C14
AD2
F10
VSS
J6
VSS
A5
VCC
D1
NC
F11
VSS
J7
VSS
A6
AD22
D2
NC
F12
VCC
J8
VSS
A7
VCC
D3
NC
F13
VCC
J9
VSS
A8
AD18
D4
VSS
F14
VCCPLL
J10
VSS
A9
VCC
D5
VSS
G1
NC
J11
VSS
A10
AD15
D6
VSS
G2
NC
J12
TDI
A11
AD13
D7
VSS
G3
VCC
J13
NC
A12
VCC
D8
VSS
G4
VSS
J14
RESET
A13
AD8
D9
VSS
G5
VSS
K1
ALE
A14
NC
D10
VSS
G6
VSS
K2
LOCK/ONCE
B1
VCC
D11
AD3
G7
VSS
K3
VCC
B2
AD30
D12
AD5
G8
VSS
K4
VSS
B3
AD27
D13
AD0
G9
VSS
K5
VSS
B4
AD29
D14
AD1
G10
VSS
K6
VSS
B5
VCC
E1
NC
G11
VSS
K7
VSS
B6
AD23
E2
NC
G12
NC
K8
VSS
B7
AD20
E3
VCC
G13
CLKIN
K9
VSS
B8
AD17
E4
VSS
G14
NC
K10
VSS
B9
AD14
E5
VSS
H1
BE1
K11
VSS
B10
AD12
E6
VSS
H2
BE2
K12
NC
B11
AD10
E7
VSS
H3
BE3
K13
VCC
B12
AD9
E8
VSS
H4
VSS
K14
STEST
B13
AD7
E9
VSS
H5
VSS
L1
HOLDA
B14
AD4
E10
VSS
H6
VSS
L2
DEN
C1
NC
E11
VSS
H7
VSS
L3
VCC
C2
AD31
E12
VCC
H8
VSS
L4
VSS
C3
NC
E13
VCC
H9
VSS
L5
VSS
C4
AD26
E14
VCC
H10
VSS
L6
VSS
C5
AD25
F1
NC
H11
VSS
L7
VSS
C6
AD24
F2
NC
H12
NC
L8
VSS
C7
AD21
F3
VCC
H13
VCC
L9
VSS
C8
AD19
F4
VSS
H14
NC
L10
VSS
C9
AD16
F5
VSS
J1
VCC
L11
VSS
C10
VCC
F6
VSS
J2
BE0
L12
NC
NOTE: Do not connect any external logic to pins marked NC (no connect pins).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com