Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JF Datasheet(PDF) 61 Page - Intel Corporation

Part # 80960JF
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 61 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 57Page - Intel Corporation 80960JF Datasheet HTML 58Page - Intel Corporation 80960JF Datasheet HTML 59Page - Intel Corporation 80960JF Datasheet HTML 60Page - Intel Corporation 80960JF Datasheet HTML 61Page - Intel Corporation 80960JF Datasheet HTML 62Page - Intel Corporation 80960JF Datasheet HTML 63Page - Intel Corporation 80960JF Datasheet HTML 64Page - Intel Corporation 80960JF Datasheet HTML 65Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 78 page
background image
Advance Information Datasheet
61
80960JA/JF/JD/JT 3.3 V Microprocessor
Figure 36.
Burst Read and Write Transactions Without Wait States, 8-Bit Bus
ADDR
D
D
ADDR DATA DATA DATA
DATA
CLKIN
AD31:0
ALE
ADS
A3:2
BE1/A1
WIDTH1:0
D/C
W/R
BLAST
DT/R
DEN
RDYRCV
TA
TD
TD
TR
TA
TD
TD
TD
TD
TR
00,01,10 or 11
00,01,10 or 11
00
01
10
11
00
00
BE0/A0
In
In
Out
Out
Out
Out
F_JF033A
00 or 10
01 or
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com