Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JF Datasheet(PDF) 39 Page - Intel Corporation

Part # 80960JF
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 39 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 35Page - Intel Corporation 80960JF Datasheet HTML 36Page - Intel Corporation 80960JF Datasheet HTML 37Page - Intel Corporation 80960JF Datasheet HTML 38Page - Intel Corporation 80960JF Datasheet HTML 39Page - Intel Corporation 80960JF Datasheet HTML 40Page - Intel Corporation 80960JF Datasheet HTML 41Page - Intel Corporation 80960JF Datasheet HTML 42Page - Intel Corporation 80960JF Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
Advance Information Datasheet
39
80960JA/JF/JD/JT 3.3 V Microprocessor
4.0
Electrical Specifications
4.1
Absolute Maximum Ratings
Warning:
Stressing the device beyond the “Absolute Maximum Ratings” may cause permanent damage.
These are stress ratings only. Operation beyond the “Operating Conditions” is not recommended
and extended exposure beyond the “Operating Conditions” may affect device reliability.
Note:
This document contains information on products in the sampling and initial production phases of
development. It is valid for the devices indicated in the revision history. The specifications within
this data sheet are subject to change without notice. Verify with your local Intel sales office that
you have the latest data sheet before finalizing a design.
4.2
Operating Conditions
Table 19 indicates the operating conditions for the 80960Jx.
Table 18.
Absolute Maximum Ratings
Parameter
Maximum Rating
Storage Temperature
–65oC to +150oC
Case Temperature Under Bias
–65oC to +110oC
Supply Voltage wrt. VSS
–0.5 V to + 4.6 V
Voltage on VCC5 wrt. VSS
–0.5 V to + 6.5 V
Voltage on Other Pins wrt. VSS
–0.5 V to VCC + 0.5 V
Table 19.
80960Jx Operating Conditions
Symbol
Parameter
Min
Max
Units
Notes
VCC
Supply Voltage
3.15
3.45
V
VCC5
Input Protection Bias
3.15
5.5
V
(1)
fCLKIN
Input Clock Frequency
80960JT-100
80960JT-75
80960JD-66
80960JD-50
80960JD-40
80960JD-33
80960JA/JF-33
80960JA/JF-25
80960JA/JF-16
15
15
12
12
12
12
12
12
12
33.3
25
33.3
25
20
16.67
33.3
25
16
MHz
TC
Operating Case Temperature
PGA, MPBGA, and PQFP
Extended temp PQFP (TG80960JA-25)
0
-40
100
100
°C
NOTE:
1. See Section 4.4, “VCC5 Pin Requirements (VDIFF)” on page 40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com