Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JF Datasheet(PDF) 48 Page - Intel Corporation

Part # 80960JF
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 48 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 44Page - Intel Corporation 80960JF Datasheet HTML 45Page - Intel Corporation 80960JF Datasheet HTML 46Page - Intel Corporation 80960JF Datasheet HTML 47Page - Intel Corporation 80960JF Datasheet HTML 48Page - Intel Corporation 80960JF Datasheet HTML 49Page - Intel Corporation 80960JF Datasheet HTML 50Page - Intel Corporation 80960JF Datasheet HTML 51Page - Intel Corporation 80960JF Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 78 page
background image
80960JA/JF/JD/JT 3.3 V Microprocessor
48
Advance Information Datasheet
Note:
The TLX Derating curve applies only when an imbalance in the capacitive load occurs between the
AD bus and ALE. The TLX derating is based on a 50 pF load on ALE. The derating applies to ALE
and ALE.
Figure 11.
Output Delay or Hold vs. Load Capacitance
Figure 12.
TLX vs. AD Bus Load Capacitance
AC Timings vs. Load Capacitance
nom + 0
nom + 1
nom + 2
nom + 3
nom + 4
nom + 5
nom + 6
nom + 7
50
100
150
AD Bus Capacitive Load (pF)
Rising
Falling
Rise and Fall times are identical.
AC Timings vs. Load Capacitance
nom + 0
nom + 1
nom + 2
nom + 3
nom + 4
nom + 5
nom + 6
nom + 7
50
100
150
AD Bus Capacitive Load (pF)
Rising
Falling
Rise and Fall times are identical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com