Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JF Datasheet(PDF) 35 Page - Intel Corporation

Part # 80960JF
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 35 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 31Page - Intel Corporation 80960JF Datasheet HTML 32Page - Intel Corporation 80960JF Datasheet HTML 33Page - Intel Corporation 80960JF Datasheet HTML 34Page - Intel Corporation 80960JF Datasheet HTML 35Page - Intel Corporation 80960JF Datasheet HTML 36Page - Intel Corporation 80960JF Datasheet HTML 37Page - Intel Corporation 80960JF Datasheet HTML 38Page - Intel Corporation 80960JF Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 78 page
background image
Advance Information Datasheet
35
80960JA/JF/JD/JT 3.3 V Microprocessor
Table 12.
132-Lead PGA Package Thermal Characteristics
Thermal Resistance — °C/Watt
Parameter
Airflow — ft./min (m/sec)
0
(0)
200
(1.01)
400
(2.03)
600
(3.04)
800
(4.06)
1000
(5.08)
θ
JC (Junction-to-Case)
0.7
0.7
0.7
0.7
0.7
0.7
θ
CA (Case-to-Ambient) (No Heatsink)
25
19
14
12
11
10
θ
CA (Case-to-Ambient) (Omnidirectional Heatsink)
15
96544
θ
CA (Case-to-Ambient) (Unidirectional Heatsink)
16
86544
NOTES:
1. This table applies to a PGA device plugged into a socket or soldered directly into a board.
2.
θJA = θJC + θCA
3.
θJ-CAP = 5.6°C/W (approximate) (no heatsink)
4.
θJ-PIN = 6.4°C/W (inner pins) (approximate) (no heatsink)
5.
θJ-PIN = 6.2°C/W (outer pins) (approximate) (no heatsink)
6.
θJ-CAP = 3°C/W (approximate) (with heatsink)
7.
θJ-PIN = 3.3°C/W (inner pins) (approximate) (with heatsink)
8.
θJ-PIN = 3.3°C/W (outer pins) (approximate) (with heatsink)
Table 13.
196-Ball MPBGA Package Thermal Characteristics
Thermal Resistance — °C/Watt
Parameter
Airflow — ft./min (m/sec)
0
(0)
200
(1.01)
400
(2.03)
600
(3.04)
800
(4.06)
1000
(5.08)
θ
JC (Junction-to-Case)
TBD
TBD
TBD
TBD
TBD
TBD
θ
CA (Case-to-Ambient) (No Heatsink)
TBD
TBD
TBD
TBD
TBD
TBD
θ
CA (Case-to-Ambient) (Omnidirectional Heatsink)
TBD
TBD
TBD
TBD
TBD
TBD
θ
CA (Case-to-Ambient) (Unidirectional Heatsink)
TBD
TBD
TBD
TBD
TBD
TBD
θ
JC
θ
JA
θ
J-CAP
θ
CA
θ
J-PIN
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com