Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JF Datasheet(PDF) 69 Page - Intel Corporation

Part # 80960JF
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 69 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 65Page - Intel Corporation 80960JF Datasheet HTML 66Page - Intel Corporation 80960JF Datasheet HTML 67Page - Intel Corporation 80960JF Datasheet HTML 68Page - Intel Corporation 80960JF Datasheet HTML 69Page - Intel Corporation 80960JF Datasheet HTML 70Page - Intel Corporation 80960JF Datasheet HTML 71Page - Intel Corporation 80960JF Datasheet HTML 72Page - Intel Corporation 80960JF Datasheet HTML 73Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 78 page
background image
Advance Information Datasheet
69
80960JA/JF/JD/JT 3.3 V Microprocessor
5.2
Boundary-Scan Register
The Boundary-Scan register contains a cell for each pin as well as cells for control of I/O and HIGHZ pins.
Table 25 shows the bit order of the 80960Jx processor Boundary-Scan register. All table cells that
contain “CTL” select the direction of bidirectional pins or HIGHZ output pins. If a “1” is loaded
into the control cell, the associated pin(s) are HIGHZ or selected as input.
Table 25.
Boundary-Scan Register Bit Order
Bit
Signal
Input/
Output
Bit
Signal
Input/
Output
Bit
Signal
Input/
Output
0
RDYRCV (TDI)
I
24
DEN
O
48
AD17
I/O
1
HOLD
I
25
HOLDA
O
49
AD16
I/O
2XINT0
I
26
ALE
O
50
AD15
I/O
3XINT1
I27
LOCK/ONCE
cell
Enable cell1
51
AD14
I/O
4XINT2
I28
LOCK/ONCE
I/O
52
AD13
I/O
5XINT3
I
29
BSTAT
O
53
AD12
I/O
6XINT4
I30
BE0
O
54
AD cells
Enable
cell1
7XINT5
I31
BE1
O55
AD11
I/O
8XINT6
I32
BE2
O
56
AD10
I/O
9XINT7
I33
BE3
O57
AD9
I/O
10
NMI
I
34
AD31
I/O
58
AD8
I/O
11
FAIL
I
35
AD30
I/O
59
AD7
I/O
12
ALE
O
36
AD29
I/O
60
AD6
I/O
13
WIDTH/HLTD1
O
37
AD28
I/O
61
AD5
I/O
14
WIDTH/HLTD0
O
38
AD27
I/O
62
AD4
I/O
15
A2
O
39
AD26
I/O
63
AD3
I/O
16
A3
O
40
AD25
I/O
64
AD2
I/O
17
CONTROL1
Enable cell1
41
AD24
I/O
65
AD1
I/O
18
CONTROL2
Enable cell1
42
AD23
I/O
66
AD0
I/O
19
BLAST
O
43
AD22
I/O
67
CLKIN
I
20
D/C
O
44
AD21
I/O
68
RESET
I
21
ADS
O
45
AD20
I/O
69
STEST
(TDO)
I
22
W/R
O
46
AD19
I/O
23
DT/R
O
47
AD18
I/O
NOTE:
1. Enable cells are active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com