Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JF Datasheet(PDF) 75 Page - Intel Corporation

Part # 80960JF
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 75 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 70Page - Intel Corporation 80960JF Datasheet HTML 71Page - Intel Corporation 80960JF Datasheet HTML 72Page - Intel Corporation 80960JF Datasheet HTML 73Page - Intel Corporation 80960JF Datasheet HTML 74Page - Intel Corporation 80960JF Datasheet HTML 75Page - Intel Corporation 80960JF Datasheet HTML 76Page - Intel Corporation 80960JF Datasheet HTML 77Page - Intel Corporation 80960JF Datasheet HTML 78Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 75 / 78 page
background image
Advance Information Datasheet
75
80960JA/JF/JD/JT 3.3 V Microprocessor
Table 31.
Fields of 80960JT Device ID
Field
Value
Definition
Version
See Table 32
Indicates major stepping changes.
VCC
0 = 3.3 V device
Indicates that a device is 3.3 V.
Product Type
000 100
(Indicates i960 CPU)
Designates type of product.
Generation Type
0001 = J-series
Indicates the generation (or series) the product belongs
to.
Model
D DPCC
D = Clock Multiplier
(01) Clock-Tripled
(P) Product Derivative
(0) Jx
C = Cache Size
(11) 16K I-cache, 4K D-cache
Indicates member within a series and specific model
information.
Manufacturer ID
000 0000 1001
(Indicates Intel)
Manufacturer ID assigned by IEEE.
Table 32.
80960JT Device ID Model Types
Device
Version
VCC
Product
Gen.
Model
Manufacturer ID
‘1’
80960JT A0, A1
0000
0
000100
0001
01011
00000001001
1
Figure 47.
80960JD Device Identification Register
28
24
20
40
16
12
8
1
1
0
0
1
0
0
0
0
0
0
0
Manufacturer ID
Part Number
Version
Model
Gen
Product
Type
VCC
1
0
0
0
0
0
1
0
0
0
0
1
1
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com