Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JF Datasheet(PDF) 45 Page - Intel Corporation

Part # 80960JF
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 45 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 41Page - Intel Corporation 80960JF Datasheet HTML 42Page - Intel Corporation 80960JF Datasheet HTML 43Page - Intel Corporation 80960JF Datasheet HTML 44Page - Intel Corporation 80960JF Datasheet HTML 45Page - Intel Corporation 80960JF Datasheet HTML 46Page - Intel Corporation 80960JF Datasheet HTML 47Page - Intel Corporation 80960JF Datasheet HTML 48Page - Intel Corporation 80960JF Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 78 page
background image
Advance Information Datasheet
45
80960JA/JF/JD/JT 3.3 V Microprocessor
SYNCHRONOUS INPUT TIMINGS
TIS1
Input Setup to CLKIN — AD31:0, NMI,
XINT7:0
80960JT
80960JD
80960JA/JF
6
6
9
ns
(5)
TIH1
Input Hold from CLKIN — AD31:0, NMI,
XINT7:0
80960JT
80960JD
80960JA/JF
1.5
1.5
1.0
ns
(5)
TIS2
Input Setup to CLKIN — RDYRCV and
HOLD
80960JT
80960JD
80960JA/JF
6.5
6.5
10.0
ns
(6)
TIH2
Input Hold from CLKIN — RDYRCV and
HOLD
1ns
(6)
TIS3
Input Setup to CLKIN — RESET
80960JT
80960JD
80960JA/JF
7
7
8
ns
(7)
TIH3
Input Hold from CLKIN — RESET
80960JT
80960JD
80960JA/JF
2
2
1
ns
(7)
TIS4
Input Setup to RESET — ONCE, STEST
80960JT
80960JD
80960JA/JF
7
7
8
ns
(8)
TIH4
Input Hold from RESET — ONCE, STEST
80960JT
80960JD
80960JA/JF
2
2
1
ns
(8)
RELATIVE OUTPUT TIMINGS
TLX
Address Valid to ALE/ALE Inactive
For 3.3 V Data Input Signals
For 5.0 V Data Input Signals
0.5TC - 5
0.5TC - 8
ns
(9)
TLXL
ALE/ALE Width
0.5TC - 7
ns
Equal Loading (9)
TLXA
Address Hold from ALE/ALE Inactive
TDXD
DT/R Valid to DEN Active
BOUNDARY SCAN TEST SIGNAL TIMINGS
TBSF
TCK Frequency
0.5TF
MHz
TBSCH
TCK High Time
15
ns
Measured at 1.5 V
(1)
TBSCL
TCK Low Time
15
ns
Measured at 1.5 V
(1)
TBSCR
TCK Rise Time
5
ns
0.8 V to 2.0 V (1)
TBSCF
TCK Fall Time
5
ns
2.0 V to 0.8 V (1)
Table 23.
80960Jx AC Characteristics (Sheet 2 of 3)
Symbol
Parameter
Min
Max
Unit
Notes
NOTE:
See Table 24 on page 47 for note definitions for this table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com